Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9396 Datasheet(PDF) 34 Page - STMicroelectronics

Part # L9396
Description  Automotive multiple power supply IC
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9396 Datasheet(HTML) 34 Page - STMicroelectronics

Back Button L9396 Datasheet HTML 30Page - STMicroelectronics L9396 Datasheet HTML 31Page - STMicroelectronics L9396 Datasheet HTML 32Page - STMicroelectronics L9396 Datasheet HTML 33Page - STMicroelectronics L9396 Datasheet HTML 34Page - STMicroelectronics L9396 Datasheet HTML 35Page - STMicroelectronics L9396 Datasheet HTML 36Page - STMicroelectronics L9396 Datasheet HTML 37Page - STMicroelectronics L9396 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 109 page
background image
Power supply
L9396
34/109
DS12539 Rev 6
3.10
Protected battery switch
The device provides a fully protected switched battery output VB_SW, always active when
the device is not in stand-by mode and WD1 is correctly served. This functionality can be
used as further battery supply, e.g. for external sensors requiring battery level, or as a pull-
up voltage rail.
The output can be disabled through SPI. Should the VB_SW diagnostics detect an over
current condition, the output is turned off and the over current SPI fault is set. Once an over-
current condition is detected, the output can only be re-enabled through SPI command,
when the fault disappears, writing the bit PROTECTED BATTERY SWITCH COMMAND at
1 after the related OVER CURRENT flag is cleared on read.
All electrical characteristics are valid for the following conditions unless otherwise noted:
-40 °C ≤ Tj ≤ +175 °C; 4.5 ≤ VB = VBATP ≤ 19 V.
CVCC ESR
Output capacitor ESR
-
0.01
-
0.1
Ω
dVSR_ac
Line transient
response
All line, load;
dt = 10 µs
-5%
-
5%
%
dVLR_ac
Load transient
response
All line, load;
dt = 10 µs
-5%
-
5%
%
RDSon
High side Rds_ON
-
-
-
12
Ω
VCC_cur lim
Current limitation
-
125
-
240
mA
VCC_oc
Overcurrent threshold
-
125
-
240
mA
VCC_ilim_oc_delta
Delta_Ilim_Oc
VCC_cur_lim –
VCC_oc
0.1
-
100
mA
tsoftstart
Softstart time
From 10% to 90% of
nominal output
voltage
345
-
1035
µs
Table 14. VCC regulator electrical characteristics (continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Table 15. Protected battery switch electrical characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Units
-
Saturation voltage
VB – VB_SW @
max. current
--
0.5
V
-
Operating current
-
-
-
150
mA
VB_SW_oc
Overcurrent
shutdown
-165
-
250
mA
VB_SW _cur lim
Current limitation -
165
-
250
mA
VB_SW _ilim_oc_delta
Delta_Ilim_Oc
VB_SW_cur_lim –
VB_SW_oc
0.1
-
20
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com