Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9396 Datasheet(PDF) 74 Page - STMicroelectronics

Part # L9396
Description  Automotive multiple power supply IC
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9396 Datasheet(HTML) 74 Page - STMicroelectronics

Back Button L9396 Datasheet HTML 70Page - STMicroelectronics L9396 Datasheet HTML 71Page - STMicroelectronics L9396 Datasheet HTML 72Page - STMicroelectronics L9396 Datasheet HTML 73Page - STMicroelectronics L9396 Datasheet HTML 74Page - STMicroelectronics L9396 Datasheet HTML 75Page - STMicroelectronics L9396 Datasheet HTML 76Page - STMicroelectronics L9396 Datasheet HTML 77Page - STMicroelectronics L9396 Datasheet HTML 78Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 109 page
background image
System functional safety implementations
L9396
74/109
DS12539 Rev 6
arrive before T_Req_TimeOut has elapsed, a WD1_RESET will be generated and the flag
WD_RST_TO_Req will be set.
In case the WD_TO_RST_EN is not set:
The error event counter, WD_CNT, will be decreased and the device starts to wait again for
the answer with the same timing procedure.
L9396 starts the WD evolution state machine in IDLE mode in which it is waiting for the first
seed request from microcontroller through SPI. In this way the starting period is completely
under the control of the microcontroller allowing to safely conclude boot procedure before
starting the WD seed request/answer mechanism. During this period WD configuration
registers can be programmed. The first seed request acts when a WD state machine start.
After this event the WD will never stop and WD configuration registers become read only
and cannot be changed. The only exception is about the T_Valid_Answ_Start and the
T_Valid_Req_Start. In case one of these parameters is changed, the timing window restarts
and WD_CNT will be decremented by a WD_cnt_bad_step number of steps.
WD_CNT is a 4-bit counter used to collect good and bad events provided by the
microcontroller.
A good event is a Request coming in the correct timing window if a Request is expected in
the FSM, or a correct Answer coming in the correct timing window when expected.
A bad event is a wrong Answer or an answer in a wrong timing window, a Request in a
wrong timing window (in bidirectional mode), a timeout event, a Request when an Answer is
expected or an Answer when a Read is expected.
Figure 16. Timing State evolution depending on WD_TO_RST_EN and
WD_REQ_CHECK_EN
Note:
Also in mono-directional mode the FSM is waiting a Query after an Answer in order to send
a new seed to µC but in this configuration the Timing check on Queries is not performed and
WD_CNT is not decremented in case of request timing error except for Timeout.
IDLE
WAIT
ANSWER
WAIT
REQ
IDLE
WAIT
ANSWER
WAIT
REQ
IDLE
WAIT
ANSWER
IDLE
WAIT
ANSWER
GADG2401171437PS
WD_REQ_CHECK_EN = 1
WD_TO_RST_EN = 1
WD_REQ_CHECK_EN = 1
WD_TO_RST_EN = 0
WD_REQ_CHECK_EN = 0
WD_TO_RST_EN = 1
WD_REQ_CHECK_EN = 0
WD_TO_RST_EN = 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com