Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9396 Datasheet(PDF) 23 Page - STMicroelectronics

Part # L9396
Description  Automotive multiple power supply IC
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9396 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button L9396 Datasheet HTML 19Page - STMicroelectronics L9396 Datasheet HTML 20Page - STMicroelectronics L9396 Datasheet HTML 21Page - STMicroelectronics L9396 Datasheet HTML 22Page - STMicroelectronics L9396 Datasheet HTML 23Page - STMicroelectronics L9396 Datasheet HTML 24Page - STMicroelectronics L9396 Datasheet HTML 25Page - STMicroelectronics L9396 Datasheet HTML 26Page - STMicroelectronics L9396 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 109 page
background image
DS12539 Rev 6
23/109
L9396
Power supply
108
3.5
Charge pump
A two-stage charge pump is integrated to supply the high voltage circuit in the VPREREG
and VCORE regulators and in the pump motor and fail safe pre-drivers.
The charge pump is supplied by the rail connected to VBST pin. External charging
capacitors are used to achieve a high current capability.
Figure 4. Charge pump block diagram
It features a current limitation protection when either C1 or C2 is being charged up. The
charge pump is protected against over temperature with dedicated thermal sensor. In
standby mode the charge pump is disabled.
In case the CP output voltage remains too low for longer than tfCP the CP LOW bit is
latched, which leads to shutdown of VPREREG, pump motor driver and fail safe driver. In
turn, under voltage of VPREREG leads to shutdown of VCC, VCC5 and VCORE regulators.
Table 8. Wake-up input electrical characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VBstby_cur
Battery standby current
consumption
VBATP = 19 V Wake
disable Sum of leakage
currents from BSTSW,
VBST, VB and VBM
-
-
30
µA
WAKEhigh_th
Wake-up high voltage
threshold
-3.5
-
-
V
WAKElow_th
Wake-up low voltage
threshold
--
-
1.5
V
WAKEhys
Wake-up voltage
hysteresis
-
0.5
-
1.5
V
WAKEpd
Wake-up pull down
IGN = 14 V
300
-
900
kΩ
WAKEflt_up
Wake up ON deglitch
-
-
10
-
µs
WAKEflt_down
Wake up OFF deglitch
-
-
10
-
µs
KA_period
Keep-alive period
-
-
200
-
ms
Charge Pump
CTANK
VBST
VCP
GADG1801171544PS
C1
C2
VC1
VC2
VC3
VC4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com