Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9396 Datasheet(PDF) 32 Page - STMicroelectronics

Part # L9396
Description  Automotive multiple power supply IC
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9396 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button L9396 Datasheet HTML 28Page - STMicroelectronics L9396 Datasheet HTML 29Page - STMicroelectronics L9396 Datasheet HTML 30Page - STMicroelectronics L9396 Datasheet HTML 31Page - STMicroelectronics L9396 Datasheet HTML 32Page - STMicroelectronics L9396 Datasheet HTML 33Page - STMicroelectronics L9396 Datasheet HTML 34Page - STMicroelectronics L9396 Datasheet HTML 35Page - STMicroelectronics L9396 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 109 page
background image
Power supply
L9396
32/109
DS12539 Rev 6
3.8
VCC5 regulator
This regulator provides a fixed 5V rail to supply µC I/Os and ADC. The VCC5 regulator has
over and under voltage detections and is also protected against short circuits and over
temperature with shared thermal sensor with VCC regulator.
All electrical characteristics are valid for the following conditions unless otherwise noted:
-40 °C ≤ Tj ≤ +175 °C; VPREREG_L(Min) ≤ VPREREG ≤ VPREREG_H(Max).
tflt_restart
restart filter time for
short to ground
Filter time starts to
count from when
core buck is
disabled
1.7
2
2.3
ms
PSRR
Power supply
rejection ratio
VPREREG = 6.5V,
Vnoise = 1Vpp
fnoise = 20 kHz,
CVCORE = 22µF
LVCORE = 22µH
40
-
-
dB
Table 12. VCORE regulator electrical characteristics (continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Table 13. VCC5 regulator electrical characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VCC5
Regulated output
voltage
0mA ≤ IVCC5 ≤
250mA
4.88
5
5.12
V
VCC5_UV
Undervoltage threshold -
VCC5 -
10%
-
VCC5 -
5%
V
VCC5_OV
Overvoltage threshold
-
VCC5 +
5%
-
VCC5 +
10%
V
tflt_VCC5_UVOV
Under/overvoltage filter
time
--
12
-
µs
IVCC5
Output load current
-
0
-
250
mA
CVCC5
Output capacitor
-
2.2
4.7
20
µF
CVCC5 ESR
Output capacitor ESR
-
0.01
-
0.1
Ω
dVSR_ac
Line Transient
Response
All line, load;
dt = 10 µs
-5%
-
5%
%
dVLR_ac
Load Transient
Response
All line, load;
dt = 10 µs
-5%
-
5%
%
RDSon
High side Rds_ON
-
-
-
4
Ω
VCC5_cur lim
Current limitation
-
300
-
600
mA
VCC5_oc
Overcurrent threshold
-
300
-
600
mA
VCC5_ilim_oc_delta
Delta_Ilim_Oc
VCC5_cur_lim –
VCC5_oc
0.1
-
100
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com