Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9396 Datasheet(PDF) 76 Page - STMicroelectronics

Part # L9396
Description  Automotive multiple power supply IC
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9396 Datasheet(HTML) 76 Page - STMicroelectronics

Back Button L9396 Datasheet HTML 72Page - STMicroelectronics L9396 Datasheet HTML 73Page - STMicroelectronics L9396 Datasheet HTML 74Page - STMicroelectronics L9396 Datasheet HTML 75Page - STMicroelectronics L9396 Datasheet HTML 76Page - STMicroelectronics L9396 Datasheet HTML 77Page - STMicroelectronics L9396 Datasheet HTML 78Page - STMicroelectronics L9396 Datasheet HTML 79Page - STMicroelectronics L9396 Datasheet HTML 80Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 109 page
background image
System functional safety implementations
L9396
76/109
DS12539 Rev 6
In this way, activation of the drivers can be performed only if the watchdog has been started
and a certain number of good Request/Answer has been exchanged.
Figure 18. WD1_RESET & DRIVERS ENABLE versus WD_CNT value
All the status information is stored into the WD_Status_reg, readable through SPI. This
register will be cleaned as a consequence of each read operation. In case a WD1_RESET
is sent to the microcontroller, the device restarts the WD state machine in IDLE mode
waiting for the seed request from microcontroller through SPI. This is valid also in case
PRUN WD sends a reset to µC. WD configuration registers are preserved, but can be
modified by the microcontroller before the WD mechanism has started. In the same way,
also the status register, WD_Status_reg, is preserved and can be read through SPI.
Two cases of unexpected errors have been identified:
If a request of a new seed arrives to the device before the previous answer is received,
the device will serve the new request, sending the old seed decreasing the value of
WD_CNT by the amount WD_cnt_bad_step.
If an answer arrives to the device before a new request and after another answer, the
device will ignore this answer but it will decrease the value of WD_CNT by the amount
WD_cnt_bad_step.
Seeds are 8-bit long words generated by a 7-bit LSFR pseudo-random algorithm. A new
seed is sent into SPI word (WD_Seed) each time a new seed request (T_start_REQ) is sent
to the device (if the last answer was correct).
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
GADG2401171548PS
WD_RST = OFF
Driver = OFF
WD_RST = ON
Driver = OFF
WD_RST = OFF)
Driver = ON
(Previous state was:
WD_RST = OFF
Driver = ON
WD_RST = OFF
Driver = ON
WD_RST = OFF)
Driver = OFF
(Previous state was:
WD_RST = OFF
Driver = OFF
WD_th_low
WD_th_high



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com