Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9396 Datasheet(PDF) 20 Page - STMicroelectronics

Part # L9396
Description  Automotive multiple power supply IC
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9396 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button L9396 Datasheet HTML 16Page - STMicroelectronics L9396 Datasheet HTML 17Page - STMicroelectronics L9396 Datasheet HTML 18Page - STMicroelectronics L9396 Datasheet HTML 19Page - STMicroelectronics L9396 Datasheet HTML 20Page - STMicroelectronics L9396 Datasheet HTML 21Page - STMicroelectronics L9396 Datasheet HTML 22Page - STMicroelectronics L9396 Datasheet HTML 23Page - STMicroelectronics L9396 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 109 page
background image
Power supply
L9396
20/109
DS12539 Rev 6
All electrical characteristics are valid for the following conditions unless otherwise noted:
-40 °C ≤ Tj ≤ +175 °C; 4.5 V ≤ VBATP ≤ 19 V
Table 6. Boost regulator electrical characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VBSTNOV
Normal Operating
Voltage at VBST
Design Info With
boost, VBST is more
than minimum boost
output (> 6 V); Without
boost, VBST is
shorted to VBATP
613
19
V
VBSTUV_UP
VBST under voltage
release threshold
VBST rising. VBST
under-voltage release
leads to charge pump
switch on
6.5
-
7.1
V
VBSTUV_DN
VBST under voltage
detection threshold
VBST falling. VBST
under-voltage
detection leads to
charge pump shut
down.
5.6
-
6
V
tflt_VBST_UV
Under voltage filter
time
--
12
-
µs
VBST
Boost Output Voltage
Across all line and
load (steady state)
8.55
-
9.6
V
IO_BST
Boost Output
Current
Excluding current on
analog and digital 3.3V
20
-
300
mA
dVSR_ac
Line Transient
Response
All line, load;
dt = 100 µs
-8%
-
8%
%
dVLR_ac
Load Transient
Response
All line, load;
dt = 100 µs
-8%
-
8%
%
LBST
Output Inductance
2.2 µH nominal
tolerance ±30%
Design Information
1.6
-
2.8
µH
RLBST
Output Inductance
Impedance
Design Information
-
-
0.1
Ω
CBST
Output Bulk
Capacitance
Design Information
1.76
-
-
µF
RBST
Bulk Capacitor ESR
Design Information
-
-
0.1
Ω
CBSTF
Output Filter
Capacitance
Min 100 nF nominal
Design Information
80
-
-
nF
IOC
Over Current
Detection
-
1.2
-
2
A
RDSon
Switch RDSon
--
-
0.8
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com