Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9396 Datasheet(PDF) 30 Page - STMicroelectronics

Part # L9396
Description  Automotive multiple power supply IC
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9396 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button L9396 Datasheet HTML 26Page - STMicroelectronics L9396 Datasheet HTML 27Page - STMicroelectronics L9396 Datasheet HTML 28Page - STMicroelectronics L9396 Datasheet HTML 29Page - STMicroelectronics L9396 Datasheet HTML 30Page - STMicroelectronics L9396 Datasheet HTML 31Page - STMicroelectronics L9396 Datasheet HTML 32Page - STMicroelectronics L9396 Datasheet HTML 33Page - STMicroelectronics L9396 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 109 page
background image
Power supply
L9396
30/109
DS12539 Rev 6
LVCORE
Buck inductor
VCORE > 1.2 V
-20%
22
+20%
µH
LVCORE
Buck inductor
VCORE ≤ 1.2 V
-20%
12
+20%
µH
RLVCORE
Buck inductor
resistance
-
-
-
105
mΩ
CFET
External FET gate
charge
--
-
30
nC
CBS
Bootstrap capacitor -
-
100
-
nF
VCOREFDBK
Feedback voltage
Excluding external
voltage divider
accuracy
0.8 -3%
-
0.8 +3%
V
dVSR_ac
Line Transient
Response
All line, load;
dt = 10 µs
-8%
-
8%
%
dVLR_ac
Load Transient
Response
All line, load;
dt = 10 µs
-8%
-
8%
%
VCORE ripple
Ripple voltage
-
-20
-
+20
mV
IOC_VCORE_BUCK
Over current
detection
RSH_HI_CURR
1.6
-
2.6
A
Rdson_hs
High side on
resistance
--
-
28
Ω
Rdson_ls
Low side on
resistance
--
-
8.3
Ω
tflt_oc_vcore
Shut down filter
time for short to
ground
Filter time starts to
count from when
current in power
MOS is more than
IO_LIM
85
100
115
µs
tflt_restart
restart filter time for
short to ground
Filter time starts to
count from when
core buck is
disabled
1.7
2
2.3
ms
Sw_fr
Switching
frequency
--
fOSCINT
/34
(0.470)
-MHz
PSRR
Power supply
rejection ratio
VPREREG = 6.5 V,
Vnoise = 1 Vpp
fnoise = 20 kHz,
CVCORE = 22 µF
LVCORE = 22 µH
40
-
-
dB
Table 12. VCORE regulator electrical characteristics (continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com