Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9396 Datasheet(PDF) 53 Page - STMicroelectronics

Part # L9396
Description  Automotive multiple power supply IC
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9396 Datasheet(HTML) 53 Page - STMicroelectronics

Back Button L9396 Datasheet HTML 49Page - STMicroelectronics L9396 Datasheet HTML 50Page - STMicroelectronics L9396 Datasheet HTML 51Page - STMicroelectronics L9396 Datasheet HTML 52Page - STMicroelectronics L9396 Datasheet HTML 53Page - STMicroelectronics L9396 Datasheet HTML 54Page - STMicroelectronics L9396 Datasheet HTML 55Page - STMicroelectronics L9396 Datasheet HTML 56Page - STMicroelectronics L9396 Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 109 page
background image
DS12539 Rev 6
53/109
L9396
Remote sensor interface
108
WSI remote sensor data/fault register
RS_DATA_RSDR_x register stores status bits of WSS interface. Output format depends on
the status of bit 15.
No Fault condition:
Bit 9:8
FIRST_RANGE_SEL (valid only for
adaptive thresholds):
00 ==> ∆Ith1MIN=6.25mA,
∆Ith1MAX=7.75mA;
01 ==> ∆Ith1MIN=5.5mA,
∆Ith1MAX=8.5mA;
10 ==> ∆Ith1MIN=4.75mA,
∆Ith1MAX=9.25mA;
11 ==> ∆Ith1MIN=4.0mA,
∆Ith1MAX=10.0mA;
01
SSM_RESET
LBIST
Bit 7:0
WSI_FIRST_TH[7:0]:
In case of fixed thresholds this is
used to calculate low threshold
(see formula in 4.1).
In case of adaptive thresholds this
is the minimum value of IB0
(IB0MIN range from 0 to 24 mA).
In both cases LSB=93.75 µA typ.
0x33
SSM_RESET
LBIST
Table 30. RS_DATA_RSDR_0-3 registers
ADDR
Name
Type
Bits = 20
0010000
RS_DATA_RSDR_0
RO
See description
0010001
RS_DATA_RSDR_1
RO
See description
0010010
RS_DATA_RSDR_2
RO
See description
0010011
RS_DATA_RSDR_3
RO
See description
Table 31. RS_DATA_RSDR_0-3 registers bit description [Bit 15 = 0]
Data Field
Description
Reset Value
Reset Event
Bit 19:17
CRC [2:0]: CRC based on bits
[16:0] Update based on bits [16:0]
-
SSM_RESET
LBIST
Bit 16
STDSTL: Standstill indication (only
for VDA sensor or PWM 2 edges)
0 => Valid sensor signal
1 => Standstill
0
SSM_RESET
LBIST
Table 29. RS_AUX_CFG register bit description (continued)
Data Field
Description
Reset Value
Reset Event



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com