Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9396 Datasheet(PDF) 15 Page - STMicroelectronics

Part # L9396
Description  Automotive multiple power supply IC
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9396 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button L9396 Datasheet HTML 11Page - STMicroelectronics L9396 Datasheet HTML 12Page - STMicroelectronics L9396 Datasheet HTML 13Page - STMicroelectronics L9396 Datasheet HTML 14Page - STMicroelectronics L9396 Datasheet HTML 15Page - STMicroelectronics L9396 Datasheet HTML 16Page - STMicroelectronics L9396 Datasheet HTML 17Page - STMicroelectronics L9396 Datasheet HTML 18Page - STMicroelectronics L9396 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 109 page
background image
DS12539 Rev 6
15/109
L9396
Overall description
108
ABS_WDTDIS
-
-
-0.3
-
7
V
ABS_AI0
-
-
-0.3
-
40
V
ABS_AI1
-
-
-0.3
-
40
V
ABS_AI2
-
-
-0.3
-
40
V
ABS_AI3
-
-
-0.3
-
40
V
ABS_AI4
-
-
-0.3
-
40
V
ABS_FSN
-
-
-0.3
-
40
V
ABS_FAULT
-
-
-0.3
-
40
V
ABS_PRN
-
-
-0.3
-
40
V
ABS_RESET
-
-
-0.3
-
40
V
ABS_WSO0
-
-
-0.3
-
40
V
ABS_WSO1
-
-
-0.3
-
40
V
ABS_WSO2
-
-
-0.3
-
40
V
ABS_WSO3
-
-
-0.3
-
40
V
ABS_CS
-
-
-0.3
-
40
V
ABS_CLK
-
-
-0.3
-
40
V
ABS_SDI
-
-
-0.3
-
40
V
ABS_SDO
-
-
-0.3
-
40
V
ABS_PRI
-
-
-0.3
-
40
V
ABS_PDI
-
-
-0.3
-
40
V
ABS_GPOD0
-
-
-18
-
40
V
ABS_RSUH0
-
-
-18
-
40
V
ABS_RSUH1
-
-
-18
-
40
V
ABS_RSUH2
-
-
-18
-
40
V
ABS_RSUH3
-
-
-18
-
40
V
ABS_RSUL0
-
-
-18
-
40
V
ABS_RSUL1
-
-
-18
-
40
V
ABS_RSUL2
-
-
-18
-
40
V
ABS_RSUL3
-
-
-18
-
40
V
ESD requirements
ESD according to the Human
Body Model (HBM), Q100-002
for global pins; (100pF/1.5kΩ)
-
-
-
-
±4000
V
ESD according to the Human
Body Model (HBM), Q100-002
for all other pins; (100pF/1,5kΩ)
-
-
-
-
±2000
V
Table 3. Pin absolute maximum ratings (continued)
Symbol
Parameter
Condition
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com