Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9396 Datasheet(PDF) 24 Page - STMicroelectronics

Part # L9396
Description  Automotive multiple power supply IC
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9396 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button L9396 Datasheet HTML 20Page - STMicroelectronics L9396 Datasheet HTML 21Page - STMicroelectronics L9396 Datasheet HTML 22Page - STMicroelectronics L9396 Datasheet HTML 23Page - STMicroelectronics L9396 Datasheet HTML 24Page - STMicroelectronics L9396 Datasheet HTML 25Page - STMicroelectronics L9396 Datasheet HTML 26Page - STMicroelectronics L9396 Datasheet HTML 27Page - STMicroelectronics L9396 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 109 page
background image
Power supply
L9396
24/109
DS12539 Rev 6
A second undervoltage threshold is present (VCPLOW2) with a higher value. It can be used
together with PDG turn-on threshold voltage to detect that low charge pump voltage is
responsible for low PDG ON voltage.
3.6
VPREREG buck regulator
The integrated buck regulator provides a reduced voltage supply to the remaining regulators
and to the WSS / tracking interface. Its default output level 6.5 V can be further increased to
7.2 V via register of BUCK VOLTAGE SELECTION in SPI.
This regulator is protected against short circuits and over temperature with dedicated
thermal sensor, and an over/under voltage monitor is implemented. VPREREG itself is not
shut down in case of over/under voltage at its output. VPREREG itself is not shut down in
case of overcurrent, only in case of over temperature the regulator is switched off.
This regulator is not protected against diode loss and the IC may be irreparably damaged
due to diode loss.
Under voltage of VPREREG (VPREREG_UV) leads to shutdown of VCC, VCC5 and
VCORE regulators.
Table 9. Charge pump electrical characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VCP_5V6
Charge pump
output voltage
VBST > 5.6 V
Iload_ext = 8 mA
VBST+7.0
-
VBST+11
V
VCP_8V
Charge pump
output voltage
VBST >8V
Iload_ext=10mA
VBST+8.9
-
VBST+11
V
VCP_8V55
Charge pump
output voltage
VBST >8.55V
Iload_ext=1mA
VBST+9.1
-
VBST+11
V
ICP_5V6
Charge pump
output current
VBST>5.6V
-
-
8
mA
ICP_8V
Charge pump
output current
VBST>8V
-
-
10
mA
fCP
Charge pump
frequency
--
fOSCINT/34(0.470)
-
MHz
VCPLOW
Charge pump low
voltage threshold
-
VBST+5.6
VBST+6
VBST+6.8
V
VCPLOW2
Charge pump
second low voltage
threshold
-
VBST+7.85
VBST+8.35
VBST+8.85
V
tfCP
Low voltage filter
time
--
10
-
µs
CTANK
Output capacitor
Design Info
-
220
-
nF
CCP1, CCP2 Switching capacitor Design Info
-
68
-
nF
TJSDCP
Thermal Shutdown
-
175
-
200
°C
THYS_TSDCP
Thermal Shutdown
hysteresis
-5
-
15
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com