Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9396 Datasheet(PDF) 27 Page - STMicroelectronics

Part # L9396
Description  Automotive multiple power supply IC
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9396 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button L9396 Datasheet HTML 23Page - STMicroelectronics L9396 Datasheet HTML 24Page - STMicroelectronics L9396 Datasheet HTML 25Page - STMicroelectronics L9396 Datasheet HTML 26Page - STMicroelectronics L9396 Datasheet HTML 27Page - STMicroelectronics L9396 Datasheet HTML 28Page - STMicroelectronics L9396 Datasheet HTML 29Page - STMicroelectronics L9396 Datasheet HTML 30Page - STMicroelectronics L9396 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 109 page
background image
DS12539 Rev 6
27/109
L9396
Power supply
108
3.7
VCORE regulator
This regulator provides the supply to the µC core. The flexible approach with the external
voltage divider allows the rail to be regulated from 0.8 V to 5 V. It can also be configured
either as a buck controller or as a linear controller, driving an external FET in both cases.
Figure 5. VCORE configuration diagram (buck regulator - top, linear regulator -
bottom)
Typically 2.2 Ω resistor is to be inserted between GCORE pin and gate of the external FET
for buck configuration. For buck configuration, the source of the external FET should be
connected to the SCORE pin, and the output tank capacitor should be connected to the
VCORE pin. For linear configuration, the output tank capacitor should be connected with the
source of the external FET and the SCORE pin, while VCORE pin could be left either
floating, tied to ground or still connected to VCORE to allow ADC internal measurement.
The VCORE regulator has over and under voltage detections and the VCORE is not shut
down in case of over or under voltage. It is also protected against short to ground by
monitoring regulation loop for VCORE buck or over current for VCORE linear. When short to
ground is detected and lasts more than the filter time of tflt_oc_vcore, the vcore is shut down
and the restart is automatic in tflt_restart. No thermal protection is implemented for VCORE
because the power MOS is external.
Both VPREREG and VCORE regulators could be disabled by connecting I_CORE_SH pin
to ground or leaving it open. In this case, VPREREG pin should be connected to VBST pin.
Moreover two pins (AI0 and AI1) are used to configure additional features of VCORE
regulator. It's possible to disable only VCORE regulator leaving VPREREG enabled. It's
possible to change the monitor of regulated voltage (monitor on VCORE pin or monitor on
VCOREFDBK pin). All the possibilities are listed in the following table.
CP
Buck
Configuration
VCOREFDBK
GCORE
SCORE
VCORE
CBS
Linear
configuration
VCOREFDBK
GCORE
SCORE
VCORE
CP
GADG1901171138PS
I_CORE_SL
I_CORE_SH
I_CORE_SL
I_CORE_SH
(w/ Stop Mode bypass
with ext. FET
LDO)
Volt. Mon.
Volt. Mon.
22uH
VPREREG
VPREREG
L9396
L9396



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com