Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9396 Datasheet(PDF) 96 Page - STMicroelectronics

Part # L9396
Description  Automotive multiple power supply IC
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9396 Datasheet(HTML) 96 Page - STMicroelectronics

Back Button L9396 Datasheet HTML 92Page - STMicroelectronics L9396 Datasheet HTML 93Page - STMicroelectronics L9396 Datasheet HTML 94Page - STMicroelectronics L9396 Datasheet HTML 95Page - STMicroelectronics L9396 Datasheet HTML 96Page - STMicroelectronics L9396 Datasheet HTML 97Page - STMicroelectronics L9396 Datasheet HTML 98Page - STMicroelectronics L9396 Datasheet HTML 99Page - STMicroelectronics L9396 Datasheet HTML 100Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 109 page
background image
0001011
0
11
RS_CTRL
RSU CONTROL
TYPE = W/R
DEFAULT = 0 ,
RESET = SSM RESET
R/W
- - ---- --- --- ---- - ---
--- -
0001100
0
12
RS_CFG_0_1
RSU CONFIG 0 and 1
RESET = SSM RESET
R/W
WSS CONFIG ch. 1 [9:0] (see Wheel Speed Chapter)
DEFAULT = 0010000000
WSS CONFIG ch. 0 [9:0] (see Wheel Speed Chapter)
DEFAULT = 0010000000
0001101
0
13
RS_CFG_2_3
RSU CONFIG 2 and 3
RESET = SSM RESET
R/W
WSS CONFIG ch. 3 [9:0] (see Wheel Speed Chapter)
DEFAULT = 0010000000
WSS CONFIG ch. 2 [9:0] (see Wheel Speed Chapter)
DEFAULT = 0010000000
0001110
0
14
RS_AUX_CFG
RSU AUX CONFIG
DEFAULT = 0,
RESET = SSM RESET
R/W
WSS AUX 2 [7:0] (see Wheel Speed Chapter)
DEFAULT = 52
WSS AUX 1 [7:0] (see Wheel Speed Chapter)
DEFAULT = 51
0001111
0
15
WSS_TEST
WSS TEST REGISTER
DEFAULT = 0,
RESET = SSM RESET
R/W
- - ---- --- --- ---- - ---- -
WSS TEST (8 : 0)
DEFAULT = 0 , RESET SSM RESET
0010000
1
0
RS_DATA_RSDR_0
RS_DATA_RSDR_0
R
WSS RS DATA ch.0 [19:0]
RESET SSM RESET
0010001
1
1
RS_DATA_RSDR_1
RS_DATA_RSDR_1
R
WSS RS DATA ch.1 [19:0]
RESET SSM RESET
0010010
1
2
RS_DATA_RSDR_2
RS_DATA_RSDR_2
R
WSS RS DATA ch.2 [19:0]
RESET SSM RESET
0010011
1
3
RS_DATA_RSDR_3
RS_DATA_RSDR_3
R
WSS RS DATA ch.3 [19:0]
RESET SSM RESET
Table 60. Registers summary (continued)
ADDRESS
Name
Description
Type
DATA
BIN
Page
[6:4]
REG
[3:0]
19
18
17
16
15
14
13
12
11
10
9
8
7
6543
210
WR WR WR WR WR WR WR W R W R WR WR W R WR WR W R WR WR W R WR WR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com