Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9396 Datasheet(PDF) 41 Page - STMicroelectronics

Part # L9396
Description  Automotive multiple power supply IC
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9396 Datasheet(HTML) 41 Page - STMicroelectronics

Back Button L9396 Datasheet HTML 37Page - STMicroelectronics L9396 Datasheet HTML 38Page - STMicroelectronics L9396 Datasheet HTML 39Page - STMicroelectronics L9396 Datasheet HTML 40Page - STMicroelectronics L9396 Datasheet HTML 41Page - STMicroelectronics L9396 Datasheet HTML 42Page - STMicroelectronics L9396 Datasheet HTML 43Page - STMicroelectronics L9396 Datasheet HTML 44Page - STMicroelectronics L9396 Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 109 page
background image
DS12539 Rev 6
41/109
L9396
Pre-drivers
108
-
QPD filter time
guaranteed by scan
-
3
-
µs
-
Open flyback
threshold
--11
-
-7.5
V
-
Open flyback
filter time
--
3
-
µs
PDG_Isource
PDG current
source
V(PDG)=V(PDS)
V(CP)-V(PDG) = 2 V
15
25
35
mA
PDG_Isink
PDG current
sink
V(PDG) – V(PDS) = 1 V
15
25
35
mA
PRG_ON
PRG On
voltage
(V(PRG)-V(PRS))@-
1 mA@VBST>5.6 V
6.8
-
12
V
PRG_OFF
PRG Off
voltage
(V(PRG)-V(PRS))@1 mA
-
-
0.5
V
-
PRG turn-on
threshold
voltage
V(PRG)-V(PRS)
5.1
-
6.8
V
-
PRG turn-off
threshold
voltage
V(PRG)-V(PRS)
0.5
-
1
V
Rpd_PRG_PRS
Pull down
resistor at
PRG-PRS
-130
-
270
kΩ
-
PRG switching
time
guaranteed by scan
-
6
-
µs
-
PRG filter time
guaranteed by scan
-
3
-
µs
PRG_Isource
PRG current
source
V(PRG)=V(PRS)
V(CP)-V(PRG)=2V
15
25
35
mA
PRG_Isink
PRG current
sink
V(PRG) – V(PRS)=1V
15
25
35
mA
-
PDI
propagation
delay
From PDI rising edge to
PDG at turn-on threshold
voltage
-2
-
µs
-
PRI
propagation
delay
From PRI rising edge to
PRG at turn-on threshold
voltage
-2
-
µs
PDI _IH
PDI input high
voltage
-1.75
-
-
V
PDI _IL
PDI input low
voltage
--
-
0.75
V
PDI _Ihys
PDI input
hysteresis
-
100
-
1000
mV
Ipd_PDI
PDI input Pull
down current
PDI=3.3V
10
-
100
µA
Table 19. Pump motor diagnostics electrical characteristics (continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com