Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9396 Datasheet(PDF) 81 Page - STMicroelectronics

Part # L9396
Description  Automotive multiple power supply IC
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9396 Datasheet(HTML) 81 Page - STMicroelectronics

Back Button L9396 Datasheet HTML 77Page - STMicroelectronics L9396 Datasheet HTML 78Page - STMicroelectronics L9396 Datasheet HTML 79Page - STMicroelectronics L9396 Datasheet HTML 80Page - STMicroelectronics L9396 Datasheet HTML 81Page - STMicroelectronics L9396 Datasheet HTML 82Page - STMicroelectronics L9396 Datasheet HTML 83Page - STMicroelectronics L9396 Datasheet HTML 84Page - STMicroelectronics L9396 Datasheet HTML 85Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 109 page
background image
DS12539 Rev 6
81/109
L9396
System functional safety implementations
108
WD Counter Setup
SPI parameters are programmable only before the WD mechanism starts. After the first
seed request, these parameters can be only read.
A WD1_RESET event does not clear programmed parameters; default values are applied
only as a consequence of a WSM_RESET.
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10
98
76543210
W
Addr
-
-
CRC
SPI parameter
Size
(bits)
default
Description
WD_RST_ EN
1
1
Enable for the WD_RST signal.
0: WD_RST signal not sent
1: WD_RST signal sent in case of failure
WD_REQ_CHECK_EN
1
0
Enable for the Request timing checking.
0: Request timing check not performed
1: Request timing check performed
WD_TO_RST_EN
1
0
Enable for the RST after Timeout generation.
0: RST not generated after a TO event
1: RST generated after a TO event
WD_CLK_DIV
1
0
Frequency Clock division setup.
0: clock not divided (64 µs)
1: clock divided by (256 µs)
WD_Th_Low
4
7
Threshold level to inhibit the drivers. If WD_CNT is lower than
the threshold no drivers are activated.
WD_Th_Low must be lower than WD_Th_High and minimum 1.
WD_Th_High
4
15
Threshold level to start the actuation. If WD_CNT is lower than
the threshold actuation will be performed depending on the
previous state as shown in Figure 18.
WD_Th_High must be higher than WD_Th_Low.
WD_cnt_good_step
3
1
Number of incremental steps for WD_CNT as consequence of
a good event
WD_cnt_bad_step
3
3
Number of incremental steps for WD_CNT as consequence of
an error



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com