Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9396 Datasheet(PDF) 33 Page - STMicroelectronics

Part # L9396
Description  Automotive multiple power supply IC
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9396 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button L9396 Datasheet HTML 29Page - STMicroelectronics L9396 Datasheet HTML 30Page - STMicroelectronics L9396 Datasheet HTML 31Page - STMicroelectronics L9396 Datasheet HTML 32Page - STMicroelectronics L9396 Datasheet HTML 33Page - STMicroelectronics L9396 Datasheet HTML 34Page - STMicroelectronics L9396 Datasheet HTML 35Page - STMicroelectronics L9396 Datasheet HTML 36Page - STMicroelectronics L9396 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 109 page
background image
DS12539 Rev 6
33/109
L9396
Power supply
108
3.9
VCC regulator
This regulator provides a dedicated rail to supply µC I/Os. It can be configured via VCCSEL
pin to output either 3.3 V or 5 V. The VCC regulator has over and under voltage detections
and is also protected against short to ground and over temperature with shared thermal
sensor with VCC5.
The state of VCCSEL pin is latched at power up when VPREREG voltage exceeds the
VPREREG_UV threshold and stays latched until next POR event.
All electrical characteristics are valid for the following conditions unless otherwise noted:
-40 °C ≤ Tj ≤ +175 °C; VPREREG_L(Min) ≤ VPREREG ≤ VPREREG_H(Max).
tsoftstart
Softstart time
From 10% to 90%
of nominal output
voltage
345
-
1035
µs
TJSDVCCx
Thermal Shutdown
-
175
-
200
°C
THYS_TSDVCCx
Thermal Shutdown
hysteresis
-5
-
15
°C
Table 13. VCC5 regulator electrical characteristics (continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Table 14. VCC regulator electrical characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VCC_L
Regulated output
voltage
0mA ≤ IVCC ≤ 100mA;
VCCSEL = ‘0’
3.220
3.3
3.380
V
VCC_H
Regulated output
voltage
VPREREG ≥ 6V, 0mA
≤ IVCC ≤ 100mA;
VCCSEL = ‘1’
4.88
5
5.12
V
VCCSEL_IH
VCCSEL input high
voltage
-1.75
-
-
V
VCCSEL_IL
VCCSEL input low
voltage
--
-
0.75
V
VCCSEL_Ihys
VCCSEL input
hysteresis
-
100
-
1000
mV
Ipd_VCCSEL
VCCSEL input Pull
down current
VCCSEL=3.3V
1
-
10
µA
VCC_UV
Undervoltage
threshold
-
VCC_x
- 10%
-
VCC_x -
5%
V
VCC_OV
Overvoltage threshold
-
VCC_x
+ 5%
-
VCC_x +
10%
V
tflt_VCC_UVOV
Under/overvoltage
filter time
--
12
-
µs
IVCC
Output load current
-
0
-
100
mA
CVCC
Output capacitor
-
2.2
4.7
20
µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com