Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9396 Datasheet(PDF) 11 Page - STMicroelectronics

Part # L9396
Description  Automotive multiple power supply IC
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9396 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button L9396 Datasheet HTML 7Page - STMicroelectronics L9396 Datasheet HTML 8Page - STMicroelectronics L9396 Datasheet HTML 9Page - STMicroelectronics L9396 Datasheet HTML 10Page - STMicroelectronics L9396 Datasheet HTML 11Page - STMicroelectronics L9396 Datasheet HTML 12Page - STMicroelectronics L9396 Datasheet HTML 13Page - STMicroelectronics L9396 Datasheet HTML 14Page - STMicroelectronics L9396 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 109 page
background image
DS12539 Rev 6
11/109
L9396
Overall description
108
16
PDI
Motor Pump HS FET control pin
I
Local
17
PRI
Motor Pump recirculation FET control pin
I
Local
18
PRG
Motor Pump recirculation FET gate control
O
Local
19
PRS
Motor Pump recirculation FET source pin
I
Local
20
PDG
Motor Pump HS FET gate control
O
Local
21
PDS
Motor Pump HS FET source pin
I
Local
22
PDBATT
Battery sense for Motor Pump FET pre-driver
I
Global
23
VB_SW
Battery protected output
I/O
Local
24
VB
Battery line input
Supply
Global
25
VDBATT
Battery sense for Fail Safe FET pre-driver
I
Global
26
VDG
Fail Safe FET gate control
O
Local
27
VDS
Fail Safe FET source pin
I
Local
28
WDTDIS
Watchdog disable
I
Local
29
VBM
Battery sense
I
Local
30
IGN
Wake up pin for battery connection
I
Global
31
VCOREFDBK VCORE voltage feedback
I
Local
32
VCORE
µC core voltage supply
I
Local
33
SCORE
Source pin for VCORE regulator external FET
I/O
Local
34
GCORE
Gate control for VCORE regulator external FET
I/O
Local
35
CBS
VCORE bootstrap capacitor
I/O
Local
36
I_CORE_SL
Shunt input for current sensing on VCORE regulator
I
Local
37
I_CORE_SH
Shunt input for current sensing on VCORE regulator
I
Local
38
VCC
3.3 V / 5 V µC I/O supply
Supply
Local
39
VCC5
5 V µC I/O and ADC supply
O
Local
40
VPREREG
Pre-regulator output
Supply
Local
41
VCCSEL
Voltage selection for VCC regulator
I
Local
42
BCKSW
Switched pre-regulator output
I/O
Local
43
VBST
Device battery line input or boost regulated output
Supply
Global
44
CP
Charge pump output
Supply
Local
45
VC4
Charge pump 2nd cap high terminal
I/O
Local
46
VC3
Charge pump 2nd cap low terminal
I/O
Local
47
VC2
Charge pump 1st cap high terminal
I/O
Local
48
VC1
Charge pump 1st cap low terminal
I/O
Local
49
RESET
Reset output pin
O
Local
50
FSN
Fail safe negated digital output
O
Local
Table 2. Pins description (continued)
Pin
Name
Description
Pin type



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com