Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9396 Datasheet(PDF) 68 Page - STMicroelectronics

Part # L9396
Description  Automotive multiple power supply IC
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9396 Datasheet(HTML) 68 Page - STMicroelectronics

Back Button L9396 Datasheet HTML 64Page - STMicroelectronics L9396 Datasheet HTML 65Page - STMicroelectronics L9396 Datasheet HTML 66Page - STMicroelectronics L9396 Datasheet HTML 67Page - STMicroelectronics L9396 Datasheet HTML 68Page - STMicroelectronics L9396 Datasheet HTML 69Page - STMicroelectronics L9396 Datasheet HTML 70Page - STMicroelectronics L9396 Datasheet HTML 71Page - STMicroelectronics L9396 Datasheet HTML 72Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 109 page
background image
System functional safety implementations
L9396
68/109
DS12539 Rev 6
7.2.3
Reset output
RESET output pin conveys the active low reset signal generated by the device in case of
over / under voltage conditions on the µC supply rails or when a watchdog error (either from
WD1 or WD2) is asserted.
It is implemented as an open drain output, therefore an external source can be connected to
this output. An external 5 kΩ typ pull-up is recommended to ensure the proper functionality.
RESET output is able to operate and force output low also in standby mode only if VBST
supply is present.
Figure 11. Reset input logic diagram
Three internal reset signals are generated by the device:
POR: Power On Reset - This reset is asserted when GNDD is open or a failure is
detected in the internal supplies or bandgap circuits. When active, all other resets are
asserted.
WSM_RESET: Watchdog State Machine Reset - This reset is generated when the POR
is active or when a failure is detected in the VCCx or VCORE supply.
SSM_RESET: System State Machine Reset - This reset is asserted when the POR or
the WSM_RESET are active, or when a failure is detected in either Watchdog state
machine.
The RESET pin is the active-low signal driven on the output pin, and is an inverted form of
SSM_RESET.
The cause of a RESET activation is latched and reported into the SUPPLY CONTROL
REGISTERS and cleared upon SPI reading.
The reset logic shall be controlled as shown in the diagram below:
GADG2401171129PS
GNDSUBx
GNDA
VCCx
VCORE pin
VINTD
VINTA
(Reference)
VBGR
(Monitor)
VBGM
Monitor
GNDA
Monitor
VCCx
Monitor
VCORE
Monitor
VINTD
Monitor
VINTA
VCCx_UV
VCCx_OV
VCORE_UV
VCORE_OV
VINTD_UV
VINTD_OV
VINTA_UV
VINTA_OV
Controlling all supplies
Reference for
VBG_READY
GNDA_ERR
VCCx_ERR
VCORE_ERR
VREG_ERR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com