Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9396 Datasheet(PDF) 44 Page - STMicroelectronics

Part # L9396
Description  Automotive multiple power supply IC
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9396 Datasheet(HTML) 44 Page - STMicroelectronics

Back Button L9396 Datasheet HTML 40Page - STMicroelectronics L9396 Datasheet HTML 41Page - STMicroelectronics L9396 Datasheet HTML 42Page - STMicroelectronics L9396 Datasheet HTML 43Page - STMicroelectronics L9396 Datasheet HTML 44Page - STMicroelectronics L9396 Datasheet HTML 45Page - STMicroelectronics L9396 Datasheet HTML 46Page - STMicroelectronics L9396 Datasheet HTML 47Page - STMicroelectronics L9396 Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 109 page
background image
Remote sensor interface
L9396
44/109
DS12539 Rev 6
Figure 8. Standstill operation diagram
Data from the sensor are not latched: last incoming frame overwrites the previous one once
validated. Faults coming from diagnostic (i.e. over current, short to ground or battery) are
latched until the microcontroller reads them.
We have two different digital algorithms:
Auto-adjusting current trip points. With this option, the IC is able to find sensor base
current value (named IB0). Range of base current can be configured via SPI. The IC is
also able to detect the current value of the data pulse and compute the first threshold
(named Ith1): Ith1 = IB0 + (ΔIth1)/2 where ΔIth1 range is also configurable via SPI.
Besides, in case of VDA selected, the IC is also able to recognize the current value of
the speed pulse by computing a second threshold (named Ith2): Ith2 = IB0 + ΔIth1 +
(ΔIth2)/2 where ΔIth2 range is configurable via SPI.
Fixed current trip points where the thresholds are set by SPI. To avoid the risk of wrong
settings (inverted thresholds, thresholds outside WSI limits and similar) only the first
threshold can be directly programmed while, to determine the second one, an offset vs.
the first threshold must be provided. Both values, threshold and offset, can be specified
through an 8-bit word (range 0x00 → 0xFF). A fixed offset of 54 (0x36) is also added to
determine the actual thresholds in order to prevent any potential wrong setting out or
range. Complete formulas for threshold computation are the following:
–
First threshold (typ.) = 93.75 µA*(54 +WSI_FIRST_TH)
–
Second threshold rising edge (typ.) =
93.75 µA*(108+WSI_FIRST_TH+WSI_OFFS_TH)
–
Second threshold falling edge (typ.) =
93.75 µA*(108+WSI_FIRST_TH+WSI_OFFS_TH)*0.6865
–
WSI_FIRST_TH: SPI programmable from 0x00 to 0xFF (default = 0x33)
–
WSI_OFFS_TH: SPI programmable from 0x00 to 0xFF (default = 0x34)
GADG1901171624PS
Sensor current
WSO pin
Bit SSDIS = 1
First not stand still
pulse is suppressed
WSO pin
Bit SSDIS = 0
Stand still time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com