Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B7AH-R6D53 Datasheet(PDF) 113 Page - Omron Electronics LLC

Part # B7AH-R6D53
Description  Wiring-reduction Units
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

B7AH-R6D53 Datasheet(HTML) 113 Page - Omron Electronics LLC

Back Button B7AH-R6D53 Datasheet HTML 109Page - Omron Electronics LLC B7AH-R6D53 Datasheet HTML 110Page - Omron Electronics LLC B7AH-R6D53 Datasheet HTML 111Page - Omron Electronics LLC B7AH-R6D53 Datasheet HTML 112Page - Omron Electronics LLC B7AH-R6D53 Datasheet HTML 113Page - Omron Electronics LLC B7AH-R6D53 Datasheet HTML 114Page - Omron Electronics LLC B7AH-R6D53 Datasheet HTML 115Page - Omron Electronics LLC B7AH-R6D53 Datasheet HTML 116Page - Omron Electronics LLC B7AH-R6D53 Datasheet HTML 117Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 121 page
background image
B7AP
B7AP
111
Dimensions
Note:
All units are in millimeters unless otherwise indicated.
B7AP-S1
B7AP-M1
Mounting Holes
Mounting Holes
Toothed washer
Power indicator
Round vinyl-insulated cable
6 dia. (0.5 mm2)
Standard length: 2 m
Two, clamping nut
27.3 dia
30.5
+0.5
0
dia.
Toothed
washer
Two, clamping nut
Operation indicator
Round vinyl-insulated cable
6 dia. (0.5 mm2)
Standard length: 2 m
42 dia.
42 dia.
36
30.5
+0.5
0
dia.
M30 x 1.5
M30 x 1.5
27.3 dia
Installation
Connection
B7A-R Output
Unit
B7A-T Input Unit
B7AP-S1
B7AP-M1
24 VDC
±10%
Brown
Black
Blue
Brown
Black
Blue



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com