Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B7AH-R6D53 Datasheet(PDF) 116 Page - Omron Electronics LLC

Part # B7AH-R6D53
Description  Wiring-reduction Units
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

B7AH-R6D53 Datasheet(HTML) 116 Page - Omron Electronics LLC

Back Button B7AH-R6D53 Datasheet HTML 112Page - Omron Electronics LLC B7AH-R6D53 Datasheet HTML 113Page - Omron Electronics LLC B7AH-R6D53 Datasheet HTML 114Page - Omron Electronics LLC B7AH-R6D53 Datasheet HTML 115Page - Omron Electronics LLC B7AH-R6D53 Datasheet HTML 116Page - Omron Electronics LLC B7AH-R6D53 Datasheet HTML 117Page - Omron Electronics LLC B7AH-R6D53 Datasheet HTML 118Page - Omron Electronics LLC B7AH-R6D53 Datasheet HTML 119Page - Omron Electronics LLC B7AH-R6D53 Datasheet HTML 120Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 121 page
background image
B7A
B7A
114
Product List
32-point Terminals
Screw Terminal Models
Appearance
Model
I/O
classification
I/O configuration
I/O delay time
(typical)
Internal
I/O
common
Error
processing
(see note 1)
Approved
standards
B7AS-T3BS
Input
NPN compatible
Normal speed
19.2 ms
High speed
3 ms
(switch
selectable)
+/–
common
---
U, CU, CE
16-point Terminals
Screw Terminal Models
Appearance
Model
I/O
classification
I/O configuration
I/O delay
time
(typical)
Internal
I/O
common
Error
processing
(see note
1)
Approved
standards
B7A-T6A1
(see note 2)
Input
NPN compatible
Normal
speed
19 2
– common
---
U, C, CE
B7A-T6B1
(see note 2)
19.2 ms
+/–
common
---
B7A-T6C1
PNP compatible
+/–
common
---
B7A-T6A6
(see note 2)
NPN compatible
High speed
3 ms
– common
---
B7A-T6B6
(see note 2)
+/–
common
---
B7A-T6C6
PNP compatible
+/–
common
---
B7A-R6B11
Output
NPN open collector
100 mA/point
Normal
speed
+ common
HOLD
U, C, CE
B7A-R6B31
100 mA/point
speed
19.2 ms
LOAD OFF
B7A-R6C11
NPN open collector
500 mA/point (see
HOLD
CE
B7A-R6C31
500 mA/point (see
note 3)
LOAD OFF
B7A-R6F11
PNP open collector
100
A/
i t
– common
HOLD
U, C, CE
B7A-R6F31
o e co ec o
100 mA/point
LOAD OFF
U, C, C
B7A-R6G11
PNP open collector
500 mA/point (see
HOLD
CE
B7A-R6G31
500 mA/point (see
note 4)
LOAD OFF
B7A-R6B16
NPN open collector
100
A/
i t
High speed
3
+ common
HOLD
U, C, CE
B7A-R6B36
o e co ec o
100 mA/point
g s eed
3 ms
LOAD OFF
U, C, C
B7A-R6C16
NPN open collector
500 mA/point (see
HOLD
CE
B7A-R6C36
500 mA/point (see
note 3)
LOAD OFF
B7A-R6F16
PNP open collector
100
A/
i t
– common
HOLD
U, C, CE
B7A-R6F36
o e co ec o
100 mA/point
LOAD OFF
U, C, C
B7A-R6G16
PNP open collector
500 mA/point (see
HOLD
CE
B7A-R6G36
500 mA/point (see
note 4)
LOAD OFF
B7AS-T6B1
Input
NPN compatible
Normal
speed
19.2 ms
+/–
common
---
U, CU, CE
B7AS-T6B6
High speed
3 ms
---
B7AS-R6B11
Output
NPN open collector
100 mA/point
Normal
speed
HOLD
U, CU, CE
B7AS-R6B31
100 mA/point
speed
19.2 ms
LOAD OFF
B7AS-R6B16
High speed
3
HOLD
B7AS-R6B36
g s eed
3 ms
LOAD OFF
Note:
1. HOLD:
The previous output condition will be on hold when an error results.
LOAD OFF: All outputs will be OFF when an error results.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com