Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B7AH-R6D53 Datasheet(PDF) 118 Page - Omron Electronics LLC

Part # B7AH-R6D53
Description  Wiring-reduction Units
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

B7AH-R6D53 Datasheet(HTML) 118 Page - Omron Electronics LLC

Back Button B7AH-R6D53 Datasheet HTML 113Page - Omron Electronics LLC B7AH-R6D53 Datasheet HTML 114Page - Omron Electronics LLC B7AH-R6D53 Datasheet HTML 115Page - Omron Electronics LLC B7AH-R6D53 Datasheet HTML 116Page - Omron Electronics LLC B7AH-R6D53 Datasheet HTML 117Page - Omron Electronics LLC B7AH-R6D53 Datasheet HTML 118Page - Omron Electronics LLC B7AH-R6D53 Datasheet HTML 119Page - Omron Electronics LLC B7AH-R6D53 Datasheet HTML 120Page - Omron Electronics LLC B7AH-R6D53 Datasheet HTML 121Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 118 / 121 page
background image
B7A
B7A
116
Terminals with 16 Relay Outputs
Appearance
Model
I/O
classification
Relay
configuration
I/O delay time
(typical)
Error
processing
(see note)
Approved
standards
G70D-R6R11-B7A
Output
Relay output
Normal speed
19.2 ms
HOLD
---
G70D-R6R31-B7A
19.2 ms
LOAD OFF
G70D-R6M11-B7A
Power MOS
FET relay
HOLD
G70D-R6M31-B7A
FET relay
output
LOAD OFF
I/O Combination Models
Screw Terminal Model (with 16 Input and 16 Output Points)
Appearance
Model
I/O configuration
I/O delay time
(typical)
Error processing
Approved
standards
B7AM-6BS
NPN compatible/
NPN open collector
100 mA/point
Normal speed 19.2 ms
High speed 3 ms
(switch selectable)
HOLD/
LOAD OFF (switch
setting)
---
Screw Terminal Models (with 8 Input and 8 Output Points)
Appearance
Model
I/O configuration
I/O delay time
(typical)
Error processing
Approved
standards
B7AM-8B11
NPN compatible/
NPN
ll
t
Normal speed 19.2 ms
HOLD
---
B7AM-8B31
co
a b e/
NPN open collector
100 mA/point
LOAD OFF
B7AM-8B16
100 mA/point
High speed 3 ms
HOLD
B7AM-8B36
LOAD OFF
B7AM-8F31
PNP compatible/
PNP open collector
100 mA/point
Normal speed 19.2 ms
LOAD OFF
Terminals with FA Connector (M12)
10-point Terminal Models
Appearance
Model
I/O configuration
I/O delay time
(typical)
Contact arrangement
Approved
standards
B7AC-T10A1
NPN compatible
19.2 ms
Type A
U, CU, CE
B7AC-T10A1-A
co
a b e
19.2 ms/3 ms
(switchable)
ye
---
B7AC-T10A1-B
PNP compatible
19.2 ms/3 ms
(switchable)
10-point Terminals
Screw Terminal Models
Appearance
Model
I/O
classification
I/O
configuration
Internal I/O
common
Error
processing
(see note 1)
Approved
standards
B7A-T10S1
(see note 2)
Input
NPN compatible
(No two-wire
b
– common
---
U, C, CE
B7A-T10S3
(see note 2)
(
sensor can be
connected.)
+/– common
---
B7A-R10SC01
Output
NPN open
collector 100
mA/point
+ common
HOLD
Note:
1. HOLD: The previous output condition will be on hold when an error results.
2. The 10-point B7A-T10S1 and 10-point B7A-T10S3 are different from each other in terminal configuration. Refer to page 91 for de-
tails.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com