Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3682 Datasheet(PDF) 7 Page - ams AG

Part # AS3682
Description  480mA Camera Lighting Management Unit
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3682 Datasheet(HTML) 7 Page - ams AG

Back Button AS3682 Datasheet HTML 3Page - ams AG AS3682 Datasheet HTML 4Page - ams AG AS3682 Datasheet HTML 5Page - ams AG AS3682 Datasheet HTML 6Page - ams AG AS3682 Datasheet HTML 7Page - ams AG AS3682 Datasheet HTML 8Page - ams AG AS3682 Datasheet HTML 9Page - ams AG AS3682 Datasheet HTML 10Page - ams AG AS3682 Datasheet HTML 11Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 43 page
background image
AS3682
austriamicrosystems
Data Sheet
Electrical Characteristics
www.austriamicrosystems.com
Revision 2.21
7 - 43
6.3 Electrical Characteristics
Notes:
1. This parameter describes the efficiency of the charge pump only.
Table 3. Charge Pump Electrical Characteristics
Symbol
Parameter
Min
Typ
Max
Unit
Notes
VCPOUT
Output Voltage
Without Load
VBAT x
CP-mode
V
Internally regulated.
Output Limitation
5.3
5.6
V
Output Voltage
With Load (I = 400mA)
3.32
1:1 Mode; VBAT = 3.5V
4.31
1:1.5 Mode; VBAT = 3.5V
5.24
1:2 Mode; VBAT = 3.5V
RCP
Charge Pump
Effective Resistance
0.5
Ω
1:1 Mode; VBAT = 3.0V, ILOAD = 400mA
2.6
1:1.5 Mode; VBAT = 3.0V, ILOAD = 400mA
2.5
1:2 Mode; VBAT = 3.0V, ILOAD = 400mA
ICPOUT
Continuous Output Current
400
mA
In automatic mode only; VBAT
≤ 4.2V.
ICP
Power Consumption
Without Load,
FCLK = 1 MHz
0.1
mA
1:1 mode
4.5
1:1.5 mode
5
1:2 mode
Eta_1
Efficiency11
75
93
%
VIN = 3.0 to 4.5V, IOUT = 100mA
Eta_2
Efficiency21
65
82
%
VIN = 3.0 to 4.5V, IOUT = 10 to 350mA
tR
Rising Time
1.0
ms
VORIP
Output Ripple
10
mVpp
VIN = 3.0 to 4.5V,
IOUT = 350mA, CP = 2.2uF, X5R
fCLK
Clock Frequency
-20%
1.0
20%
MHz
Table 4. Current Sink Electrical Characteristics
Symbol
Parameter
Min
Typ
Max
Unit
Notes
ICURR1x-MAX
CURR1x Maximum
Output Current
150
mA
Normal Mode
160
Soft Flash Mode
150
Hard Flash Mode
ICURR1x-RES
CURR1x Resolution
15
mA
Normal Mode low range (I < 240mA)
30
Normal Mode high range (I > 240mA)
0.625
Soft Flash Mode
20
Hard Flash Mode
ICURR2,3,4-MAX
CURR2,3,4 Maximum
Output Current
37.5
mA
Normal Mode
160
Soft Flash Mode
150
Hard Flash Mode
ICURR2,3,4-RES
CURR2,3,4 Resolution
2.5
mA
Normal Mode
0.625
Soft Flash Mode
20
Hard Flash Mode
Delta-abs
Absolute Accuracy
-20
+20
%
All current sinks
Delta-rel
Relative Accuracy
5
%
VPROTECT
Voltage Above VBAT for
Protection
VBAT + 2.0
V
ISINK >= 20mA
VCOMPL
Voltage Compliance
0.2
VBAT + 0.5
V
During normal operation
V_LOW
Under-Voltage Detection
50
150
200
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com