Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3682 Datasheet(PDF) 1 Page - ams AG

Part # AS3682
Description  480mA Camera Lighting Management Unit
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3682 Datasheet(HTML) 1 Page - ams AG

  AS3682 Datasheet HTML 1Page - ams AG AS3682 Datasheet HTML 2Page - ams AG AS3682 Datasheet HTML 3Page - ams AG AS3682 Datasheet HTML 4Page - ams AG AS3682 Datasheet HTML 5Page - ams AG AS3682 Datasheet HTML 6Page - ams AG AS3682 Datasheet HTML 7Page - ams AG AS3682 Datasheet HTML 8Page - ams AG AS3682 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 43 page
background image
AS3682
480mA Camera Lighting Management Unit
www.austriamicrosystems.com
Revision 2.21
1 - 43
austriamicrosystems
Dat a Sh eet
1 General Description
The AS3682 is a low-noise, high-current charge pump
designed for camera flash LEDs and LCD backlighting
applications. The device is capable of driving up to
480mA of load current.
The AS3682 integrates two independent LED blocks for
driving a single flash LED (CURR11 to CURR13) with up
to 480mA, and general purpose LEDs (CURR2 to
CURR4) with up to 160mA/LED. The general purpose
LEDs are controlled individually and can be used for
backlighting, but also in support of an RGB fun-light or a
movie indicator lamp.
The AS3682 utilizes austriamicrosystems' patent-pend-
ing Intelligent Adaptive Mode Setting (IAMS) to switch
between 1:1, 1:1.5, and 1: 2 modes. In combination with
very-low-drop-out current sinks, the device achieves
high efficiency over the full single-cell Li+ battery voltage
range. The charge pump operates at a fixed frequency
of 1MHz allowing for tiny external components and its
design ensures low EMI and low input-ripple.
The ultra-flexible brightness control scheme allows for
simple adaptation of the device to different system archi-
tectures.
In Normal and Soft Flash Modes the device is controlled
by an I2C interface. In these modes the LED brightness,
flash duration, GPIOs and various charge pump states
are controlled by internal register settings. The GPIO
pins can act as programmable input or output pins and
can also be set to trigger preview and flash light directly
by a camera module.
In Hard Flash Mode, the LED brightness is controlled by
the Enable pins. Those programming pins can be used
as simple enable pins, as PWM input, again offering
ample flexibility for setting the LED brightness.
2 Key Features
!
High-Efficiency High-Power Charge Pump
- 1:1, 1:1.5, and 1:2 Intelligent Adaptive Mode Set-
ting (IAMS)
- Efficiency up to 95%
- Soft Start to Reduce Inrush Current
- Low-Noise Constant-Frequency Operation
!
Current Sinks
- 400mA Continuous Flash Current (@VIN = 3.2 to
5V, VOUT = 5V)
- 480mA Maximum Pulsed Flash Current
- Programmable: 0 to 160mA, 0.625mA Resolution
!
Flexible Brightness Control
- Three 0 to 160mA LEDs
- Individually Addressable via I2C Interface
!
Three Operating Modes
- Normal Mode (I2C Interface)
- Soft Flash Mode (I2C Interface)
- Dedicated Control Pins for Hard Flash Modes
!
Two General Purpose Inputs/Outputs
- Digital Input, Output, and Tristate
- Programmable Pull-Up and Pull-Down
- Strobe Pin can be used for Camera Flash Control
!
LED Disconnect in Shutdown
!
Open LED Detection
!
Low Stand-By Current (6µA), Interface Fully
Operating
!
Low Shut-Down Current (0.2µA)
!
Wide Battery Supply Range: 3.0 to 5.5V
!
Thermal Protection
!
24-Pin, Small Form-Factor QFN Package
- 4 x 4 x 0.85mm, 0.5mm Pitch
- Enhanced Thermal Characteristics
3 Applications
Lighting management for cameras, mobile telephones,
PDAs, and other 1-cell Li+ or 3-cell NiMH powered
devices
.


Similar Part No. - AS3682

ManufacturerPart #DatasheetDescription
logo
ams AG
AS3681 AMSCO-AS3681 Datasheet
307Kb / 4P
Power AND Lighting Management Unit
AS3683 AMSCO-AS3683 Datasheet
409Kb / 4P
1A Backlight and Camera LED Power Charge Pump
AS3685A AMSCO-AS3685A Datasheet
151Kb / 2P
Ultra Small High Efficiency 700mA Charge Pump for White LED Flash
AS3685A AMSCO-AS3685A Datasheet
1Mb / 25P
Ultra Small High Efficiency 1000mA Charge Pump for White LED Flash
logo
TEXAS ADVANCED OPTOELEC...
AS3685A TAOS-AS3685A Datasheet
1Mb / 25P
Ultra Small High Efficiency 1000mA Charge Pump
More results

Similar Description - AS3682

ManufacturerPart #DatasheetDescription
logo
ams AG
AS3681 AMSCO-AS3681 Datasheet
307Kb / 4P
Power AND Lighting Management Unit
logo
National Semiconductor ...
LP3954 NSC-LP3954 Datasheet
6Mb / 56P
Advanced Lighting Management Unit
LP3958 NSC-LP3958 Datasheet
1Mb / 28P
Lighting Management Unit with High Voltage Boost Converter
LP39542 NSC-LP39542 Datasheet
2Mb / 58P
Advanced Lighting Management Unit
logo
Advanced Analog Technol...
AAT2861IMK-1-T1 AAT-AAT2861IMK-1-T1 Datasheet
3Mb / 27P
Backlight/Flash LED Driver and Multiple LDO Lighting Management Unit
2009.02.1.2
logo
ams AG
AS3675 AMSCO-AS3675 Datasheet
4Mb / 81P
Flexible Lighting Management Unit
AS3676 AMSCO-AS3676 Datasheet
4Mb / 92P
Flexible Lighting Management
AS3687 AMSCO-AS3687 Datasheet
2Mb / 55P
Flexible Lighting Management
logo
Texas Instruments
LP3954 TI1-LP3954 Datasheet
1Mb / 60P
Advanced Lighting Management Unit
LP3958 TI1-LP3958 Datasheet
1Mb / 36P
Lighting Management Unit with High Voltage Boost Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com