Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3682 Datasheet(PDF) 27 Page - ams AG

Part # AS3682
Description  480mA Camera Lighting Management Unit
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3682 Datasheet(HTML) 27 Page - ams AG

Back Button AS3682 Datasheet HTML 23Page - ams AG AS3682 Datasheet HTML 24Page - ams AG AS3682 Datasheet HTML 25Page - ams AG AS3682 Datasheet HTML 26Page - ams AG AS3682 Datasheet HTML 27Page - ams AG AS3682 Datasheet HTML 28Page - ams AG AS3682 Datasheet HTML 29Page - ams AG AS3682 Datasheet HTML 30Page - ams AG AS3682 Datasheet HTML 31Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 43 page
background image
AS3682
austriamicrosystems
Data Sheet
Timing Control of CURR11, CURR12, CURR13 in Normal Mode and Soft Flash Mode
www.austriamicrosystems.com
Revision 2.21
27 - 43
Figure 15. Preview and Strobe Timing – Mode 1
Figure 16. Preview and Strobe Timing – Mode 2
I
t
TS
TS
Maximum Strobe Time is 800ms
Strobe Time (T
S) is Controlled by
Register Strobe_mode1 (page 25)
TSTROBE_SIGNAL
Bit strobe_on (page 25)
or Pin STROBE/F2
TSTROBE_SIGNAL
Normal Mode: See Register
Current1_strobe (page 20).
Soft Flash Mode: See Register
Current1_strobe (page 23).
Normal Mode: See Register
Current1_preview (page 20).
Soft Flash Mode: See Register
Current1_preview (page 23).
Bit preview_on (page 25)
or Pin GPIO0/P0
Bit strobe_on (page 25)
or Pin STROBE/F2
Soft Flash Mode
Normal Mode
TSTROBE_SIGNAL
TS
Bit preview_on (page 25)
or Pin GPIO0/P0
TSTROBE_SIGNAL
TS
TS
TS
Maximum Strobe Time is 800ms
Strobe Time (T
S) is Controlled by
Register Strobe_mode2 (page 26)
I
t
TSTROBE_SIGNAL
Bit preview_on (page 25)
or Pin GPIO0/P0
Bit strobe_on (page 25)
or Pin STROBE/F2
Soft Flash Mode
Normal Mode
TS
TS
TSTROBE_SIGNAL
Normal Mode: See Register
Current1_strobe (page 20).
Soft Flash Mode: See Register
Current1_strobe (page 23).
Normal Mode: See Register
Current1_preview (page 20).
Soft Flash Mode: See Register
Current1_preview (page 23).
Bit preview_on (page 25)
or Pin GPIO0/P0
Bit strobe_on (page 25)
or Pin STROBE/F2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com