Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3682 Datasheet(PDF) 22 Page - ams AG

Part # AS3682
Description  480mA Camera Lighting Management Unit
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3682 Datasheet(HTML) 22 Page - ams AG

Back Button AS3682 Datasheet HTML 18Page - ams AG AS3682 Datasheet HTML 19Page - ams AG AS3682 Datasheet HTML 20Page - ams AG AS3682 Datasheet HTML 21Page - ams AG AS3682 Datasheet HTML 22Page - ams AG AS3682 Datasheet HTML 23Page - ams AG AS3682 Datasheet HTML 24Page - ams AG AS3682 Datasheet HTML 25Page - ams AG AS3682 Datasheet HTML 26Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 43 page
background image
AS3682
austriamicrosystems
Data Sheet
Current Settings in Normal Mode
www.austriamicrosystems.com
Revision 2.21
22 - 43
Addr: 08
Current4
This register sets the current values of CURR4. Any value not equal 0 activates the sink.
Bit
Bit Name
Default
Access
Description
3:0
Current4
0h
R/W
MSB (Bit 3)
LSB (Bit 0)
mA
0000
0.0
0001
2.5
0010
5.0
0011
7.5
0100
10.0
0101
12.5
0110
15.0
0111
17.5
1000
20.0
1001
22.5
1010
25.0
1011
27.7
1100
30.0
1101
32.5
1110
35.0
1111
37.5
7:4
N/A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com