Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3682 Datasheet(PDF) 6 Page - ams AG

Part # AS3682
Description  480mA Camera Lighting Management Unit
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3682 Datasheet(HTML) 6 Page - ams AG

Back Button AS3682 Datasheet HTML 2Page - ams AG AS3682 Datasheet HTML 3Page - ams AG AS3682 Datasheet HTML 4Page - ams AG AS3682 Datasheet HTML 5Page - ams AG AS3682 Datasheet HTML 6Page - ams AG AS3682 Datasheet HTML 7Page - ams AG AS3682 Datasheet HTML 8Page - ams AG AS3682 Datasheet HTML 9Page - ams AG AS3682 Datasheet HTML 10Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 43 page
background image
AS3682
austriamicrosystems
Data Sheet
Absolute Maximum Ratings (Non-Operating)
www.austriamicrosystems.com
Revision 2.21
6 - 43
6 Characteristics
6.1 Absolute Maximum Ratings (Non-Operating)
Stresses beyond those listed in Table 1 may cause permanent damage to the device. These are stress ratings only,
and functional operation of the device beyond those indicated in Table 2 is not implied.
Caution: Exposure to absolute maximum rating conditions may affect device reliability.
Notes:
1. 5V pins are VBAT1, VBAT2, HFL, current sink pins (CURR11, CURR12, CURR13, CURR2, CURR3, and CURR4)
and the charge pump pins (C1_N, C2_N, C1_P, C2_P, and CP_OUT).
2. 3.3V pins are GPIO0/P0, STROBE/F2, interface pins (CLK/P2, DATA/P1, ADR) and all other pins.
6.2 Operating Conditions
Table 1. Absolute Maximum Ratings
Symbol
Parameter
Min
Max
Unit
Notes
VIN_MV
5V Pins
-0.3
7.0
V
Applicable for 5V pins1
VIN_LV
3.3V Pins
-0.3
5.0,
VDD_GPIO + 0.3
V
Applicable for 3.3V pins2
IIN
Input Pin Current
-25
+25
mA
At 25ºC, Norm: Jedec 17
TSTRG
Storage Temperature Range
-55
125
ºC
Humidity
5
85
%
Non condensing
VESD
Electrostatic Discharge
-1000
1000
V
Norm: MIL 883 E Method 3015
PT
Total Power Dissipation
1
W
TAMB = 70º
TBODY
Body Temperature
260
º
IPC/JEDEC J-STD-020C
Table 2. Operating Conditions
Symbol
Parameter
Min
Typ
Max
Unit
Notes
VBAT
Battery Voltage
3.0
3.6
5.5
V
VBAT1 and VBAT2
VDD_GPIO
Periphery Supply Voltage
1.5
3.3
V
V2_5
Voltage on Pin V2_5
2.4
2.5
2.6
V
Internally generated; Hard Flash Mode:
always on; Soft Flash Mode: always on
except in shutdown.
TAMB
Ambient Temperature
-30
25
85
ºC
IBAT
Operating Current
1
A
Depending on load current and charge
pump mode.
ISTANDBY
Standby Mode Current
6
10.5
µA
Current consumption in standby mode;
Only 2.5V regulator on; temperature
supervision off.
VDD_GPIO (page 8) > VGPIO_Vdd_TH_RISING
(page 8).
Standby Mode Current
including Temperature
Supervision
814.5
µA
Current consumption in standby mode;
Only 2.5V regulator on and temperature
supervision on.
VDD_GPIO > VGPIO_Vdd_TH_RISING.
This is also the minimum current
consumption in Hard Flash Mode.
ISHUTDOWN
Shutdown Mode Current
0.2
1.5
µA
Current consumption in shutdown mode;
VDD_GPIO < 0.3v.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com