Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3682 Datasheet(PDF) 24 Page - ams AG

Part # AS3682
Description  480mA Camera Lighting Management Unit
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3682 Datasheet(HTML) 24 Page - ams AG

Back Button AS3682 Datasheet HTML 20Page - ams AG AS3682 Datasheet HTML 21Page - ams AG AS3682 Datasheet HTML 22Page - ams AG AS3682 Datasheet HTML 23Page - ams AG AS3682 Datasheet HTML 24Page - ams AG AS3682 Datasheet HTML 25Page - ams AG AS3682 Datasheet HTML 26Page - ams AG AS3682 Datasheet HTML 27Page - ams AG AS3682 Datasheet HTML 28Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 43 page
background image
AS3682
austriamicrosystems
Data Sheet
Timing Control of CURR11, CURR12, CURR13 in Normal Mode and Soft Flash Mode
www.austriamicrosystems.com
Revision 2.21
24 - 43
11.3 Timing Control of CURR11, CURR12, CURR13 in Normal Mode and Soft Flash
Mode
Connecting the Current Sinks
The load of current sinks CURR11, CURR12, and CURR13 must be connected to the charge pump output (CP_OUT).
Setting the Current Values
Current sinks CURR11, CURR12, and CURR13 are all programmed by the same register settings (registers
current1_preview
(page 20) and Current1_strobe (page 20)). They should be connected in parallel (pins CURR11,
CURR12, and CURR13 must be connected externally) to increase the driving capability, e.g., for a photo camera flash
LED.
The current defined in these registers (current1_preview and Current1_strobe) is the total current, which means each
current sink contributes one-third of the preset current value.
Turning the Current Sinks On/Off in Preview Mode
The current sinks in preview mode are controlled programmatically by bit preview_on (page 25) or by pin GPIO0/P0. Bit
preview_on
defines which sink is selected.
Turning the Current Sinks On/Off in Strobe Mode
The current sinks in strobe mode are controlled by pin STROBE/F2. This signal is called STROBE_SIGNAL. The duration
of the strobe current is dependent on the following parameters:
!
In Mode 1 (selected by bit Strobe_mode (page 25)) the strobe current is started by the rising edge of the
STROBE_SIGNAL
. The duration of the strobe current is defined by the value in register Strobe_mode1 (page 25) only.
The minimum duration of the strobe current is 100ms, the maximum is 800ms.
!
In Mode 2 (selected by bit Strobe_mode (page 25)) the strobe current is started by the rising edge of the
STROBE_SIGNAL
. The duration of the strobe current is dependent on the length of the STROBE_SIGNAL and the value in
register Strobe_mode2 (page 26).
If register Strobe_mode2 setting = 000 to 111, strobe current stops with the falling edge of STROBE_SIGNAL but is lim-
ited to the value defined in the register (100ms to 800ms).
!
In Mode 3 (selected by bit Strobe_mode (page 25)) the strobe current is started by the rising edge of the
STROBE_SIGNAL
and it stops with the falling edge of the STROBE_SIGNAL. In Mode 3 there is no limitation of the strobe
time.
Table 27. Current Sink_1x Control Register
Addr: 00
Powerdown_control
This register switches the charge pump and current sinks 1x on and off.
Bit
Bit Name
Default
Access
Description
0
cp_led_on
See cp_led_on (page 30).
1
curr11_on
0
R/W
CURR11 enable/disable signal.
0 = Switch CURR11 off.
1 = Switch CURR11 on.
2
curr12_on
0
R/W
CURR12 enable/disable signal.
0 = Switch CURR12 off.
1 = Switch CURR12 on.
3
curr13_on
0
R/W
CURR13 enable/disable signal.
0 = Switch CURR13 off.
1 = Switch CURR13 on.
7:4
N/A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com