Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3682 Datasheet(PDF) 34 Page - ams AG

Part # AS3682
Description  480mA Camera Lighting Management Unit
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3682 Datasheet(HTML) 34 Page - ams AG

Back Button AS3682 Datasheet HTML 30Page - ams AG AS3682 Datasheet HTML 31Page - ams AG AS3682 Datasheet HTML 32Page - ams AG AS3682 Datasheet HTML 33Page - ams AG AS3682 Datasheet HTML 34Page - ams AG AS3682 Datasheet HTML 35Page - ams AG AS3682 Datasheet HTML 36Page - ams AG AS3682 Datasheet HTML 37Page - ams AG AS3682 Datasheet HTML 38Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 43 page
background image
AS3682
austriamicrosystems
Data Sheet
Serial Interface
www.austriamicrosystems.com
Revision 2.21
34 - 43
Figure 18. Complete Data Transfer
Figure 19. Byte Write
Figure 20. Page Write
Byte Write and Page Write are used to write data to the slave.
The transmission begins with the START condition, which is generated by the master when the bus is in IDLE state
(the bus is free). The device-write address is followed by the word address. After the word address any number of data
bytes can be send to the slave. The word address is incremented internally, in order to write subsequent data bytes on
subsequent address locations.
For reading data from the slave device, the master has to change the transfer direction. This can be done either with a
repeated START condition followed by the device-read address, or simply with a new transmission START followed by
the device-read address, when the bus is in IDLE state. The device-read address is always followed by the 1st register
byte transmitted from the slave. In Read Mode any number of subsequent register bytes can be read from the slave.
The word address is incremented internally.
The following diagrams show the various read formats available.
Figure 21. Random Read
Random Read and Sequential Read are combined formats. The repeated START condition is used to change the
direction after the data transfer from the master.
The word address transfer is initiated with a START condition issued by the master while the bus is idle. The START
condition is followed by the device-write address and the word address.
S
Start
Condition
Address
R/W
ACK
Data
ACK
Data
ACK
Stop
Condition
P
SDA
SCL
1-7
8
9
1-7
89
1-7
8
9
S
DA
W A
WA
A
reg_data
A P
Write Register
WA++
S
DA
W A
WA
A
reg_data 1
A
reg_data 2
A
…
reg_data n
AP
Write Register
WA++
Write Register
WA++
Write Register
WA++
SDA
W A
WA
A Sr
DA
R A
data
N P
Read Register
WA++
WA++



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com