Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3682 Datasheet(PDF) 20 Page - ams AG

Part # AS3682
Description  480mA Camera Lighting Management Unit
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3682 Datasheet(HTML) 20 Page - ams AG

Back Button AS3682 Datasheet HTML 16Page - ams AG AS3682 Datasheet HTML 17Page - ams AG AS3682 Datasheet HTML 18Page - ams AG AS3682 Datasheet HTML 19Page - ams AG AS3682 Datasheet HTML 20Page - ams AG AS3682 Datasheet HTML 21Page - ams AG AS3682 Datasheet HTML 22Page - ams AG AS3682 Datasheet HTML 23Page - ams AG AS3682 Datasheet HTML 24Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 43 page
background image
AS3682
austriamicrosystems
Data Sheet
Current Settings in Normal Mode
www.austriamicrosystems.com
Revision 2.21
20 - 43
11.1 Current Settings in Normal Mode
Table 19. Current Sink_1x Preview Current Definition Register
Addr: 01
Current1_preview
This register sets the current values of the current sinks used during preview.
Bit
Bit Name
Default
Access
Description
0
curr_hp
0R/W
Used with bits current1_preview.
3:1
N/A
7:4
current1_
preview
0R/W
curr_hp = 0
curr_hp = 1
MSB (Bit 7)
LSB (Bit 4)
mA
mA
00
0
0
0
0
00
0
1
15
30
00
1
0
30
60
00
1
1
45
90
01
0
0
60
120
01
0
1
75
150
01
1
0
90
180
0
1
1
1
105
210
1
0
0
0
120
240
1
0
0
1
135
270
1
0
1
0
150
300
1
0
1
1
165
330
1
1
0
0
180
360
1
1
0
1
195
390
1
1
1
0
210
420
1
1
1
1
225
450
Table 20. Current Sink_1x Strobe Current Definition Register
Addr: 02
Current1_strobe
This register sets the current values of the current sinks used during strobe.
Bit
Bit Name
Default Access Description
0
curr_hs
0R/W
Used with bits current1_strobe.
3:1
N/A
7:4
current1_strobe
0R/W
curr_hs = 0
curr_hs = 1
MSB (Bit 7)
LSB (Bit 4)
mA
mA
00
0
0
0
0
00
0
1
15
30
00
1
0
30
60
00
1
1
45
90
01
0
0
60
120
01
0
1
75
150
01
1
0
90
180
0
1
1
1
105
210
1
0
0
0
120
240
1
0
0
1
135
270
1
0
1
0
150
300
1
0
1
1
165
330
1
1
0
0
180
360
1
1
0
1
195
390
1
1
1
0
210
420
1
1
1
1
225
450



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com