Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3682 Datasheet(PDF) 4 Page - ams AG

Part # AS3682
Description  480mA Camera Lighting Management Unit
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3682 Datasheet(HTML) 4 Page - ams AG

  AS3682 Datasheet HTML 1Page - ams AG AS3682 Datasheet HTML 2Page - ams AG AS3682 Datasheet HTML 3Page - ams AG AS3682 Datasheet HTML 4Page - ams AG AS3682 Datasheet HTML 5Page - ams AG AS3682 Datasheet HTML 6Page - ams AG AS3682 Datasheet HTML 7Page - ams AG AS3682 Datasheet HTML 8Page - ams AG AS3682 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 43 page
background image
AS3682
austriamicrosystems
Data Sheet
www.austriamicrosystems.com
Revision 2.21
4 - 43
Revision History
Revision
Date
Owner
Description
2.1
10 February 2005
ptr
- Various minor updates implemented.
2.2
16 August 2005
ptr
- Updated exposed pad size (D2 x E2).
- Updated parameter VIH max value.
- Updated parameter VIL max value.
- Added parameter VPOR_VBAT min and max values.
- Added bit Curr234_gpio0_ctrl (page 29).
- Added bit Curr234_strobe_ctrl (page 29).
- Added Fixed ID Register (Addr: 15).
2.21
6 July 2006
ptr
- Updated gpio0_pulls bit settings.
- Updated strobe_pulls bit settings.
- Updated data sheet status to public viewable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com