Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3682 Datasheet(PDF) 11 Page - ams AG

Part # AS3682
Description  480mA Camera Lighting Management Unit
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3682 Datasheet(HTML) 11 Page - ams AG

Back Button AS3682 Datasheet HTML 7Page - ams AG AS3682 Datasheet HTML 8Page - ams AG AS3682 Datasheet HTML 9Page - ams AG AS3682 Datasheet HTML 10Page - ams AG AS3682 Datasheet HTML 11Page - ams AG AS3682 Datasheet HTML 12Page - ams AG AS3682 Datasheet HTML 13Page - ams AG AS3682 Datasheet HTML 14Page - ams AG AS3682 Datasheet HTML 15Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 43 page
background image
AS3682
austriamicrosystems
Data Sheet
Charge Pump
www.austriamicrosystems.com
Revision 2.21
11 - 43
8 Detailed Functional Descriptions
8.1 Charge Pump
The AS3682 charge pump uses two external flying capacitors to generate output voltages higher than the battery volt-
age.
The charge pump can operate in three different modes:
!
1:1 Bypass Mode
- Battery input and output are connected by a low-impedance switch
- Battery current = output current
!
1:1.5 Mode
- The output voltage is 1.5 times the battery voltage (without load)
- Battery current = 1.5 times output current
!
1:2 Mode
- The output voltage is 2 times the battery voltage (without load)
- Battery current = 2 times output current
8.1.1 Intelligent Adaptive Mode Switching (IAMS)
The integrated charge pump determines the best compromise between the required LED supply voltage (Vf) and the
lowest internal power dissipation. The AS3682 examines the voltage at each current sink and automatically switches
into a higher charge pump mode; the switch-down procedure is achieved after the AS3682 performs analog signal pro-
cessing of all relevant parameters: the battery voltage, the actual charge pump voltage, the load current, and the resis-
tance of the next charge pump mode. By predicting the efficiency of the next state, the AS3682 will accurately
determine the switching point.
8.1.2 Soft Start
An implemented soft start mechanism reduces the inrush current. Battery current is smoothed when switching the
charge pump on and also at each switching condition. This precaution reduces electromagnetic radiation significantly.
8.1.3 Open LED Detection
The voltages at the current sinks are used to determine the mode switching of the charge pump up, thus an open wire
to the LED could lead to a to high-power dissipation of the circuit.
The AS3682 scans and compares all voltages on the current sinks continuously, so that if the charge pump is already
at 1:2 mode and the required current cannot be provided, the circuit stops that current sink sensing until the next
power-on condition. Using the circuit via the I2C interface (Normal Mode and Soft Flash Mode) the system can get
information on the failing path from the GPIO_output (page 31) register.
Scanning occurs automatically upon first entering 1:2 mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com