Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3682 Datasheet(PDF) 2 Page - ams AG

Part # AS3682
Description  480mA Camera Lighting Management Unit
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3682 Datasheet(HTML) 2 Page - ams AG

  AS3682 Datasheet HTML 1Page - ams AG AS3682 Datasheet HTML 2Page - ams AG AS3682 Datasheet HTML 3Page - ams AG AS3682 Datasheet HTML 4Page - ams AG AS3682 Datasheet HTML 5Page - ams AG AS3682 Datasheet HTML 6Page - ams AG AS3682 Datasheet HTML 7Page - ams AG AS3682 Datasheet HTML 8Page - ams AG AS3682 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 43 page
background image
AS3682
austriamicrosystems
Data Sheet
www.austriamicrosystems.com
Revision 2.21
2 - 43
4 Block Diagram
Figure 1. AS3682 Block Diagram
5 Application Diagrams
Figure 2. Normal and Soft Flash Mode Application Diagram
3
C1_P
RBIAS
23
CLK/P2
8
STROBE/F2
11
GPIO0/P0
10
SFL/F1
16
T1/F0
17
DATA/P1
9
VDD_GPIO
12
ADR
1
GND
Exposed Pad
2
VBAT1
6
VBAT2
5
C2_P
7
C2_N
24
C1_N
4
CP_OUT
13
CURR11
14
CURR12
15
CURR13
Digital
Supply
Bandgap
and
Current
Reference
Digital
Part
Serial
Interface
V2_5
22
Charge Pump
1:1, 1:1.5, 1:2
AS3682
Current Source
19
CURR2
20
CURR3
21
CURR4
Current Source
Mode
Selector
HFL
18
SFL Mode:
SFL/F1 = VDD_GPIO
Normal Mode:
SFL/F1 = GND
AS3682
Camera
Flash
LED
C3
1µF
ADR
1
RBIAS
23
CLK/P2
8
STROBE/F2
11
GPIO0/P0
10
SFL/F1
16
T1/F0
17
HFL
18
DATA/P1
9
2
VBAT1
6
VBAT2
5
C2_P
7
C2_N
24
C1_N
4
CP_OUT
13
CURR11
VDD_GPIO
12
R1
240k
Ω
R4
1 - 10k
Ω
14 CURR12
15
CURR13
19
CURR2
20
CURR3
21
CURR4
C6
2.2µF
Flash &
Preview
Battery or
CP_OUT
V2_5
22
Feature
Normal
Mode
Soft Flash
Mode
Interface
I2CI2C
Flash LEDs
Current
Sinks
33
Total Current
0 to 450mA
0 to 480mA
Addressable
Block
Block
Strobe
Trigger
STROBE/F2
or software
STROBE/F2
or software
Strobe
Preview
GPIO0/P0
or software
GPIO0/P0
or software
General Purpose
LEDs (CURR2,
CURR3, CURR4)
Current
Sinks
33
Current per
Sink
0 to 37.5mA 0 to 160mA
Addressable
Individual
Individual
C4
1µF
C1
2.2µF
C5
1µF
V2.5 = 41h
GND = 40h
3
C1_P
Battery
GND
Exposed Pad



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com