Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3682 Datasheet(PDF) 13 Page - ams AG

Part # AS3682
Description  480mA Camera Lighting Management Unit
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3682 Datasheet(HTML) 13 Page - ams AG

Back Button AS3682 Datasheet HTML 9Page - ams AG AS3682 Datasheet HTML 10Page - ams AG AS3682 Datasheet HTML 11Page - ams AG AS3682 Datasheet HTML 12Page - ams AG AS3682 Datasheet HTML 13Page - ams AG AS3682 Datasheet HTML 14Page - ams AG AS3682 Datasheet HTML 15Page - ams AG AS3682 Datasheet HTML 16Page - ams AG AS3682 Datasheet HTML 17Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 43 page
background image
AS3682
austriamicrosystems
Data Sheet
www.austriamicrosystems.com
Revision 2.21
13 - 43
to address e.g., six white LEDs. After presetting the current with the dedicated pins the actual brightness can also
be adjusted by PWM applied to the related pins.
Note: The Hard Flash Modes are factory preset. Refer to Ordering Information on page 42.
Note: The AS3682 has been designed and qualified for the following operating conditions:
- Continuous output current of 400mA if operated in automatic switch mode at VBAT = 3.2 to 4.2V.
- Maximum Pulsed Output current: 480mA.
Table 9. AS3682 Function Settings
Feature
Normal Mode
Soft Flash
Mode
Hard Flash Mode 1
Hard Flash Mode 2
Interface
I2CI2C
Dedicated Control
Pins for Strobe (3x)
and Preview (3x)
Dedicated Control Pins
for Flash (3x) and
General Purpose (3x)
Flash LEDs
Current Sinks
3
3
6
3
Total Current
0 to 450mA
0 to 480mA
Strobe:
0 to 450mA
Preview:
0 to 400mA
Flash:
0 to 450mA
Addressable
Block
Block
Block
Block
Strobe Trigger
STROBE/F2
or software
STROBE/F2
or software
By Strobe
Control Pins
By Flash Control Pin
Strobe Preview
GPIO0/P0
or software
GPIO0/P0
or software
By Preview
Control Pins
General Purpose
LEDs (CURR2,
CURR3, CURR4)
Current Sinks
3
3
N/A
3
Current per Sink
0 to 37.5mA
0 to 160mA
N/A
0 to 20/37.5mA
Addressable
Individual
Individual
N/A
Block



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com