Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3682 Datasheet(PDF) 38 Page - ams AG

Part # AS3682
Description  480mA Camera Lighting Management Unit
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3682 Datasheet(HTML) 38 Page - ams AG

Back Button AS3682 Datasheet HTML 34Page - ams AG AS3682 Datasheet HTML 35Page - ams AG AS3682 Datasheet HTML 36Page - ams AG AS3682 Datasheet HTML 37Page - ams AG AS3682 Datasheet HTML 38Page - ams AG AS3682 Datasheet HTML 39Page - ams AG AS3682 Datasheet HTML 40Page - ams AG AS3682 Datasheet HTML 41Page - ams AG AS3682 Datasheet HTML 42Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 43 page
background image
AS3682
austriamicrosystems
Data Sheet
Hard Flash Mode Pin Descriptions
www.austriamicrosystems.com
Revision 2.21
38 - 43
13 Pinout and Packaging
13.1 Hard Flash Modes Pin Descriptions
Table 40. Pin Type Definitions
Type
Description
DI
Digital Input
DI3
3.3V Digital Input
DIO3
3.3V Digital Input/Output
AIO
Analog Pad
AI
Analog Input
AO
Analog Output
S
Supply Pad
GND
Ground Pad
Table 41. Pin List QFN24 – Hard Flash Modes
Pin
Name
Type (See
Table 40)
Description
1
ADR
DI
Test input.
2VBAT1
AIO
Charge pump supply pad; always connect to VBAT.
3C1_P
AIO
Charge pump flying capacitor; connect to a ceramic capacitor of 2.2µF (±20%).
4CP_OUT
AIO
Charge pump output voltage; connect to a ceramic capacitor of 1µF (±20%) or 2.2µF
(+100%/-50%).
5C2_P
AIO
Charge pump flying capacitor; connect to a ceramic capacitor of 2.2µF (±20%).
6VBAT2
S
Charge pump supply pad; always connect to VBAT.
7C2_N
AIO
Charge pump flying capacitor; connect to a ceramic capacitor of 1µF (±20%).
8CLK/P2
DI3
MSB of Preview Control; internal pullup, active low.
9
DATA/P1
DIO3
LSB+1/MSB of Preview Control; internal pullup, active low.
10
GPIO0/P0
DIO3
LSB of Preview Control; internal pullup, active low.
11
STROBE/F2
DIO3
MSB of Flash Control; internal pullup, active low.
12
VDD_GPIO
S
GPIO and serial interface supply pad.
13
CURR11
AI
Analog current sink input.
14
CURR12
AI
Analog current sink input.
15
CURR13
AI
Analog current sink input.
16
SFL/F1
DI3
LSB+1 of Flash Control; internal pullup, active low.
17
T1/F0
DI3
LSB of Flash Control; internal pullup, active low.
18
HFL
DI
Hard Flash mode selection pin; connect to VBAT.
19
CURR2
AI
Analog current sink input.
20
CURR3
AI
Analog current sink input.
21
CURR4
AI
Analog current sink input.
22
V2_5
AO
Low-power LDO output voltage; always connect to a ceramic capacitor of 1µF
(±20%) or 2.2µF (+100%/-50%).
Caution: Do not load this pin during start-up.
23
RBIAS
AIO
External resistor; always connect to a resistor of 240k
Ω (±1%) to ground.
Caution: Do not load this pin.
24
C1_N
AIO
Charge pump flying capacitor; connect to a ceramic capacitor of 1µF (±20%).
25
VSS
GND
Exposed pad.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com