Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3682 Datasheet(PDF) 35 Page - ams AG

Part # AS3682
Description  480mA Camera Lighting Management Unit
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3682 Datasheet(HTML) 35 Page - ams AG

Back Button AS3682 Datasheet HTML 31Page - ams AG AS3682 Datasheet HTML 32Page - ams AG AS3682 Datasheet HTML 33Page - ams AG AS3682 Datasheet HTML 34Page - ams AG AS3682 Datasheet HTML 35Page - ams AG AS3682 Datasheet HTML 36Page - ams AG AS3682 Datasheet HTML 37Page - ams AG AS3682 Datasheet HTML 38Page - ams AG AS3682 Datasheet HTML 39Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 43 page
background image
AS3682
austriamicrosystems
Data Sheet
Serial Interface
www.austriamicrosystems.com
Revision 2.21
35 - 43
In order to change the data direction a repeated START condition is issued on the 1st SCL pulse after the ACKNOWL-
EDGE bit of the word address transfer. After the reception of the device read address, the slave becomes the transmit-
ter. In this state the slave transmits register data located by the previous received word address vector. The master
responds to the data byte with a NOT ACKNOWLEDGE, and issues a STOP condition on the bus.
Figure 22. Sequential Read
Sequential Read is the extended form of Random Read, as multiple register-data bytes are subsequently transferred.
In contrast to the Random Read, in a Sequential Read the transferred register-data bytes are responded to by an
ACKNOWLEDGE from the master. The number of data bytes transferred in one sequence is unlimited (consider the
behavior of the word-address counter). To terminate the transmission the master has to send a not-acknowledge fol-
lowing the last data byte and subsequently generate the STOP condition.
Figure 23. Current Address Read
To keep the access time as small as possible, this format allows a read access without the word address transfer in
advance to the data transfer. The bus is idle and the master issues a START condition followed by the Device Read
address. Analogous to Random Read, a single byte transfer is terminated with a not-acknowledge after the first regis-
ter byte. Analogous to Sequential Read an unlimited number of data bytes can be transferred, where the data bytes
must be responded to with an ACKNOWLEDGE from the master. For termination of the transmission the master sends
a NOT ACKNOWLEDGE following the last data byte and a subsequent STOP condition.
11.9.4 Fixed ID Register
Reading register 15h always returns CDh and can be used to verify the correct operation of the serial interface.
Table 36. Fixed ID Register
Addr: 15
Fixed_ID
This register holds the device ID value.
Bit
Bit Name
Default
Access
Description
7:0
Device_ID
11001101
R
This is the device ID.
SDA
W A
WA
A Sr
DA
R A
data 1
A
data 2
...
A
data n
NP
WA++
Read Register
WA++
S
DA
R
A
data 1
A
data 2
…
A
data n
NP
Read Register
WA++
WA++
Read Register
WA++
Read Register
WA++
Read Register
WA++



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com