Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3682 Datasheet(PDF) 18 Page - ams AG

Part # AS3682
Description  480mA Camera Lighting Management Unit
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3682 Datasheet(HTML) 18 Page - ams AG

Back Button AS3682 Datasheet HTML 14Page - ams AG AS3682 Datasheet HTML 15Page - ams AG AS3682 Datasheet HTML 16Page - ams AG AS3682 Datasheet HTML 17Page - ams AG AS3682 Datasheet HTML 18Page - ams AG AS3682 Datasheet HTML 19Page - ams AG AS3682 Datasheet HTML 20Page - ams AG AS3682 Datasheet HTML 21Page - ams AG AS3682 Datasheet HTML 22Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 43 page
background image
AS3682
austriamicrosystems
Data Sheet
www.austriamicrosystems.com
Revision 2.21
18 - 43
Figure 13. Hard Flash Mode 2 Timing Diagram
The AS3682 allows for the parallel connection of up to three current sinks in Hard Flash Mode to obtain the desired
current range for the strobe current (unused current sinks can be left open).
Table 15. Hard Flash Mode 2 Strobe Current
STROBE/F2
Bit 2
SFL/F1
Bit 1
T1/F0
Bit 0
Current/
Current Sink
Cumulative Active Current Sink
(CURR11, CURR12, CURR13)
11
12
13
1
1
1
0mA
0mA
0mA
0mA
1
1
0
30mA
30mA
60mA
90mA
1
0
1
50mA
50mA
100mA
150mA
1
0
0
70mA
70mA
140mA
210mA
0
1
1
90mA
90mA
180mA
270mA
0
1
0
110mA
110mA
220mA
330mA
0
0
1
130mA
130mA
260mA
390mA
0
0
0
150mA
150mA
300mA
450mA
Table 16. Hard Flash Mode 2 Backlight Current
CLK/P2
Bit 2
DATA/P1
Bit 1
GPIO0/P0
Bit 0
Current/Current Sink
(CURR2, CURR3, CURR4)
111
0mA
110
5mA
101
7mA
100
10mA
011
12mA
010
15mA
001
17mA
000
37mA
I
t
t
Strobe Current. See
Table 15 on page 18
Flash Control. See
Figure 12 on page 17
Backlight Current. See
Table 16 on page 18
Backlight Control. See
Figure 12 on page 17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com