Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3682 Datasheet(PDF) 33 Page - ams AG

Part # AS3682
Description  480mA Camera Lighting Management Unit
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3682 Datasheet(HTML) 33 Page - ams AG

Back Button AS3682 Datasheet HTML 29Page - ams AG AS3682 Datasheet HTML 30Page - ams AG AS3682 Datasheet HTML 31Page - ams AG AS3682 Datasheet HTML 32Page - ams AG AS3682 Datasheet HTML 33Page - ams AG AS3682 Datasheet HTML 34Page - ams AG AS3682 Datasheet HTML 35Page - ams AG AS3682 Datasheet HTML 36Page - ams AG AS3682 Datasheet HTML 37Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 43 page
background image
AS3682
austriamicrosystems
Data Sheet
Serial Interface
www.austriamicrosystems.com
Revision 2.21
33 - 43
11.9 Serial Interface
The AS3682 is controlled by serial interface pins DATA/P1 and CLK/P2.
11.9.1 Features
!
Fast Mode Capability (Maximum Clock Frequency is 400 kHz)
!
7-Bit Addressing Mode
!
4 x 8-Bit Read/Write Data Registers (Word Address 0x0 to 0x3)
!
Write Formats
- Single-Byte Write
- Page-Write
!
Read Formats
- Current-Address Read
- Random-Read
- Sequential-Read
!
Asynchronous Reset Input (Active 0)
!
No Internal System Clock
!
DATA/P1 Input Delay and CLK/P2 Spike Filtering by Integrated RC Components
11.9.2 Device Address Selection
The serial interface address of the AS3682 can be selected between two fixed settings. The address is selected by
connecting pin ADR to either GND or to V2_5 as shown in Table 34.
11.9.3 Data Transfer Formats
Definitions used in the serial data transfer format diagrams (Figures 19 to 23) are listed in Table 35.
Table 34. AS3682 Device Address Selection
ADR Connected To
Serial Interface Address
GND
40h
V2_5 (Max Voltage = 2.5V)
41h
Table 35. Serial Data Transfer Byte Definitions
Symbol
Definition
S
Start Condition after Stop
Sr
Repeated Start
DA
Device Address
WA
Word Address
A
Acknowledge
N
Not Acknowledge
P
Stop Condition
White Field
Slave as Receiver
Grey Field
Slave as Transmitter
WA++
Increment Word Address Internally



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com