Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3682 Datasheet(PDF) 3 Page - ams AG

Part # AS3682
Description  480mA Camera Lighting Management Unit
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3682 Datasheet(HTML) 3 Page - ams AG

  AS3682 Datasheet HTML 1Page - ams AG AS3682 Datasheet HTML 2Page - ams AG AS3682 Datasheet HTML 3Page - ams AG AS3682 Datasheet HTML 4Page - ams AG AS3682 Datasheet HTML 5Page - ams AG AS3682 Datasheet HTML 6Page - ams AG AS3682 Datasheet HTML 7Page - ams AG AS3682 Datasheet HTML 8Page - ams AG AS3682 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 43 page
background image
AS3682
austriamicrosystems
Data Sheet
www.austriamicrosystems.com
Revision 2.21
3 - 43
Figure 3. Hard Flash Mode 1 Application Diagram
Figure 4. Hard Flash Mode 2 Application Diagram
3
C1_P
Feature
Hard Flash Mode 1
Interface
Dedicated Control Pins
for Strobe (3x) &
Preview (3x)
Flash LEDs
Current Sinks
6
Total Current
Strobe: 0 to 450mA
Preview: 0 to 400mA
Addressable
Block
Strobe Trigger
By Strobe Control Pins
Strobe Preview
By Preview Control
Pins
General Purpose
LEDs (CURR2,
CURR3, CURR4)
Current Sinks
N/A
Current per
Sink
N/A
Addressable
N/A
Preview Control
(Active Low)
C3
1µF
ADR
1
V2_5
22
RBIAS
23
CLK/P2
8
GPIO0/P0
10
STROBE/F2
11
SFL/F1
16
T1/F0
17
HFL
18
DATA/P1
9
VDD_GPIO
12
Selectable
R1
240k
Ω
Battery
Strobe Control
(Active Low)
LSB Flash
MSB Flash
LSB Preview
MSB Preview
AS3682
Camera
Flash
LED
2
VBAT1
6
VBAT2
4
CP_OUT
13
CURR11
14
CURR12
15
CURR13
19
CURR2
20
CURR3
21
CURR4
C6
2.2µF
Flash &
Preview
5
C2_P
7
C2_N
24
C1_N
C4
1µF
C1
2.2µF
C5
1µF
Battery
GND
Exposed Pad
3
C1_P
Feature
Hard Flash Mode 2
Interface
Dedicated Control Pins
for Flash (3x) & General
Purpose (3x)
Flash LEDs
Current Sinks
3
Total Current
Flash: 0 to 450mA
Addressable
Block
Strobe Trigger
By Flash Control Pin
Strobe Preview
General Purpose
LEDs (CURR2,
CURR3, CURR4)
Current Sinks
3
Current per Sink
0 to 20/37.5mA
Addressable
Block
Backlight Control
(Active Low)
C3
1µF
ADR
1
V2_5
22
RBIAS
23
CLK/P2
8
GPIO0/P0
10
STROBE/F2
11
SFL/F1
16
T1/F0
17
DATA/P1
9
VDD_GPIO
12
Selectable
R1
240k
Ω
Flash Control
(Active Low)
LSB Flash
MSB Flash
LSB Preview
MSB Preview
AS3682
Camera
Flash
LED
2
VBAT1
6
VBAT2
4
CP_OUT
13
CURR11
14
CURR12
15
CURR13
C6
2.2µF
Flash &
Preview
5
C2_P
7
C2_N
24
C1_N
C4
1µF
C1
2.2µF
C5
1µF
19
CURR2
20
CURR3
21
CURR4
Battery
HFL
18
Battery
GND
Exposed Pad



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com