Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3682 Datasheet(PDF) 23 Page - ams AG

Part # AS3682
Description  480mA Camera Lighting Management Unit
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3682 Datasheet(HTML) 23 Page - ams AG

Back Button AS3682 Datasheet HTML 19Page - ams AG AS3682 Datasheet HTML 20Page - ams AG AS3682 Datasheet HTML 21Page - ams AG AS3682 Datasheet HTML 22Page - ams AG AS3682 Datasheet HTML 23Page - ams AG AS3682 Datasheet HTML 24Page - ams AG AS3682 Datasheet HTML 25Page - ams AG AS3682 Datasheet HTML 26Page - ams AG AS3682 Datasheet HTML 27Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 43 page
background image
AS3682
austriamicrosystems
Data Sheet
Current Settings in Soft Flash Mode
www.austriamicrosystems.com
Revision 2.21
23 - 43
11.2 Current Settings in Soft Flash Mode
Caution: The total current of the charge pump (480mA) must not be exceeded.
Table 22. Current Sink_1x Preview Current Definition Register
Addr: 01
Current1_preview
This register sets the current values of the current sinks CURR1x used during preview.
Bit
Bit Name
Default
Access
Description
7:0
current1_preview
0
R/W
00h = 0mA
FFh = 160mA per current sink
Table 23. Current Sink_1x Strobe Current Definition Register
Addr: 02
Current1_strobe
This register sets the current values of the current sinks CURR1x used during strobe.
Bit
Bit Name
Default
Access
Description
7:0
current1_strobe
0
R/W
00h = 0mA
FFh = 160mA per current sink
Table 24. Current Sink_2 Control Register
Addr: 06
Current2
This register sets the current values of current sink CURR2. Any value
≠ 0 activates the
sink. Exceptions are Curr234_gpio0_ctrl (page 29) and Curr234_strobe_ctrl (page 29).
Bit
Bit Name
Default
Access
Description
7:0
current2
0
R/W
00h = 0mA
FFh =160mA
Table 25. Current Sink_3 Control Register
Addr: 07
Current3
This register sets the current values of current sink CURR3. Any value not-equal 0
activates the sink. Exceptions are Curr234_gpio0_ctrl (page 29) and
Curr234_strobe_ctrl
(page 29).
Bit
Bit Name
Default
Access
Description
7:0
current3
0
R/W
00h = 0mA
FFh = 160mA
Table 26. Current Sink_4 Control Register
Addr: 08
Current4
This register sets the current values of current sink CURR4. Any value not-equal 0
activates the sink. Exceptions are Curr234_gpio0_ctrl (page 29) and
Curr234_strobe_ctrl
(page 29).
Bit
Bit Name
Default
Access
Description
7:0
current4
0
R/W
00h = 0mA
FFh = 160mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com