Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3682 Datasheet(PDF) 29 Page - ams AG

Part # AS3682
Description  480mA Camera Lighting Management Unit
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3682 Datasheet(HTML) 29 Page - ams AG

Back Button AS3682 Datasheet HTML 25Page - ams AG AS3682 Datasheet HTML 26Page - ams AG AS3682 Datasheet HTML 27Page - ams AG AS3682 Datasheet HTML 28Page - ams AG AS3682 Datasheet HTML 29Page - ams AG AS3682 Datasheet HTML 30Page - ams AG AS3682 Datasheet HTML 31Page - ams AG AS3682 Datasheet HTML 32Page - ams AG AS3682 Datasheet HTML 33Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 43 page
background image
AS3682
austriamicrosystems
Data Sheet
Control of CURR2, CURR3, CURR4 in Normal Mode and Soft Flash Mode
www.austriamicrosystems.com
Revision 2.21
29 - 43
11.4 Control of CURR2, CURR3, CURR4 in Normal Mode and Soft Flash Mode
CURR2, CURR3, and CURR4 are independent current sinks. The current value is determined by registers
Current2
(page 21), Current3 (page 21), and Current4 (page 22).
Any value other than zero will start the current sink. To stop the current, the register value must be set to zero.
Note: Unused current sinks should be left open and any associated register values must be set to 0mA.
Table 30. Current Sink2,3,4 Undervoltage Indication Registers
Addr: 0F
Curr_voltage_control
This register indicates if the voltage at any current sink has dropped below a predefined
value. If the charge pump is operating in automatic-mode (default), the contents of this
register can be disregarded. The voltages at current sinks 1x are used for automatic mode
selection of the charge pump. The voltages at current sinks 2, 3, and 4 can be optionally
used for automatic mode selection of the charge pump (see register Curr234_ctrl (page
29)).
Bit
Bit Name
Default
Access
Description
0
curr11_low_voltage
N/A
R
See curr11_low_voltage (page 26).
1
curr12_low_voltage
N/A
R
See curr12_low_voltage (page 26).
2
Curr13_low_voltage
N/A
R
See curr12_low_voltage (page 26).
3
Curr2_low_voltage
N/A
R
0 = Normal operation.
1 = Undervoltage occurred.
4
Curr3_low_voltage
N/A
R
0 = Normal operation.
1 = Undervoltage occurred.
5
Curr4_low_voltage
N/A
R
0 = Normal operation.
1 = Undervoltage occurred.
7:6
cp_status
N/A
R
See cp_status (page 30).
Addr: 09
Curr234_ctrl
This register defines wether the load of the current sink is connected to pin VBAT or to pin
CP_OUT. If the load of the current sink is connected to CP_OUT, that current sink will
contribute to the charge pump mode-selection algorithm.
Bit
Bit Name
Default
Access
Description
0
Curr2_onCP
0R/W
0 = The output of the current sink will not be used for automatic
mode selection of the charge pump.
1 = The output of the current sink is used for automatic mode
selection of the charge pump.
1
Curr3_onCP
0R/W
0 = The output of the current sink will not be used for automatic
mode selection of the charge pump.
1 = The output of the current sink is used for automatic mode
selection of the charge pump.
2
Curr4_onCP
0R/W
0 = The output of the current sink will not be used for automatic
mode selection of the charge pump.
1 = The output of the current sink is used for automatic mode
selection of the charge pump.
3
Curr234_gpio0_ctrl
0R/W
0 = Curr2, Curr3, and Curr4 are switched on/off directly by
registers Current2 (page 23), Current3 (page 23), and
Current4
(page 23).
1 = Curr2, Curr3, Curr4 are switched on/off by pin GPIO0/P0 (set
bit preview_ctrl (page 25) = 1 and bit Curr234_strobe_ctrl = 0.
6:4
N/A
7
Curr234_strobe_ctrl
0R/W
0 = Curr2, Curr3, and Curr4 are switched on/off directly by
registers Current2 (page 23), Current3 (page 23), and
Current4
(page 23).
1 = Curr2, Curr3, Curr4 are controlled by Strobe mode (enable at
least one of curr11_on (page 24), curr12_on (page 24), or
curr13_on
(page 24).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com