Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3682 Datasheet(PDF) 16 Page - ams AG

Part # AS3682
Description  480mA Camera Lighting Management Unit
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3682 Datasheet(HTML) 16 Page - ams AG

Back Button AS3682 Datasheet HTML 12Page - ams AG AS3682 Datasheet HTML 13Page - ams AG AS3682 Datasheet HTML 14Page - ams AG AS3682 Datasheet HTML 15Page - ams AG AS3682 Datasheet HTML 16Page - ams AG AS3682 Datasheet HTML 17Page - ams AG AS3682 Datasheet HTML 18Page - ams AG AS3682 Datasheet HTML 19Page - ams AG AS3682 Datasheet HTML 20Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 43 page
background image
AS3682
austriamicrosystems
Data Sheet
Hard Flash Mode 1
www.austriamicrosystems.com
Revision 2.21
16 - 43
Figure 11. Hard Flash Mode 1 Timing Diagram
Notes:
1. Do not exceed maximum current of 480mA.
Note: Do not exceed maximum current of 400mA in Preview Mode (continuous operation).
The AS3682 allows for the parallel connection of up to six current sinks to obtain the desired current range in Hard
Flash Mode (unused current sinks can be left open). For example, to obtain 280mA for Preview current, connect
CURR11, CURR12, CURR13, and CURR2 together and set CLK/P2 and DATA/P1 = 0 and GPIO0/P0 = 1.
Table 12. Hard Flash Mode 1 Strobe Current
STROBE/
F2 Bit 2
SFL/F1
Bit 1
T1/F0
Bit 0
Current/
Current
Sink
Cumulative Active Current Sink1
CURR11
CURR12
CURR13
CURR2
CURR3
CURR4
1
1
1
0mA
0mA
0mA
0mA
0mA
0mA
0mA
1
1
0
30mA
30mA
60mA
90mA
120mA
150mA
180mA
1
0
1
50mA
50mA
100mA
150mA
200mA
250mA
300mA
1
0
0
70mA
70mA
140mA
210mA
280mA
350mA
420mA
0
1
1
90mA
90mA
180mA
270mA
360mA
450mA
540mA
0
1
0
110mA
110mA
220mA
330mA
440mA
550mA
660mA
0
0
1
130mA
130mA
260mA
390mA
520mA
650mA
780mA
0
0
0
150mA
150mA
300mA
450mA
600mA
750mA
900mA
Table 13. Hard Flash Mode 1 Preview Current
CLK/P2
Bit 2
DATA/P1
Bit 1
GPIO0/P0
Bit 0
Current/
Current
Sink
Cumulative Active Current Sink
CURR11
CURR12
CURR13
CURR2
CURR3
CURR4
111
0mA
0mA
0mA
0mA
0mA
0mA
0mA
110
20mA
20mA
40mA
60mA
80mA
100mA
120mA
101
30mA
30mA
60mA
90mA
120mA
150mA
180mA
100
40mA
40mA
80mA
120mA
160mA
200mA
240mA
011
50mA
50mA
100mA
150mA
200mA
250mA
300mA
010
60mA
60mA
120mA
180mA
240mA
300mA
360mA
001
70mA
70mA
140mA
210mA
280mA
350mA
420mA
000
80mA
80mA
160mA
240mA
320mA
400mA
480mA
I
t
Strobe Current. See
Table 12 on page 16
Preview Current. See
Table 13 on page 16
Preview Control. See
Figure 10 on page 15
Strobe Control. See
Figure 10 on page 15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com