Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3682 Datasheet(PDF) 14 Page - ams AG

Part # AS3682
Description  480mA Camera Lighting Management Unit
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3682 Datasheet(HTML) 14 Page - ams AG

Back Button AS3682 Datasheet HTML 10Page - ams AG AS3682 Datasheet HTML 11Page - ams AG AS3682 Datasheet HTML 12Page - ams AG AS3682 Datasheet HTML 13Page - ams AG AS3682 Datasheet HTML 14Page - ams AG AS3682 Datasheet HTML 15Page - ams AG AS3682 Datasheet HTML 16Page - ams AG AS3682 Datasheet HTML 17Page - ams AG AS3682 Datasheet HTML 18Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 43 page
background image
AS3682
austriamicrosystems
Data Sheet
Charge Pump
www.austriamicrosystems.com
Revision 2.21
14 - 43
10 Hard Flash Modes
The Hard Flash Modes allow for simple and efficient control of the AS3682 using dedicated Enable Pins. While the
Hard Flash Mode can be selected by defined pin connections (see Table 10 Hard Flash Mode Setting by Pin Configu-
ration) the distinction between Hard Flash Mode 1 and Hard Flash Mode 2 is set by the factory (refer to Ordering Infor-
mation on page 42 for more information).
An integrated temperature sensor provides over-temperature protection for the AS3682. If the device temperature
exceeds the value of T140 (page 8), the current sources will be switched off. The device will resume operation when the
temperature drops below T140 - THYST (page 8).
!
Hard Flash Mode 1 (page 15) Allows for individual control of Strobe and Preview Signals or in other words Flash
and Torch engaging all 6 current sinks.
!
Hard Flash Mode 2 (page 17) Addresses the Flash LEDs and General Purpose LEDs independently of each other
providing the possibility to realize Flash and Backlight Functions in parallel.
Note: In both Hard Flash Modes pins STROBE/F2, SFL/F1, T1/F0, CLK/P2, DATA/P1, and GPIO0/P0 are Active-Low
(with internal pull-up resistors).
Hard Flash Modes 1 and 2 are factory preset. See Ordering Information on page 42.
Table 10. Hard Flash Mode Setting by Pin Configuration
Pin HFL
Pin SFL/F1
Mode
GND
GND
Normal Mode
GND
VDD_GPIO
Soft Flash Mode
VBAT
Don't Care
Hard Flash Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com