Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3682 Datasheet(PDF) 26 Page - ams AG

Part # AS3682
Description  480mA Camera Lighting Management Unit
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3682 Datasheet(HTML) 26 Page - ams AG

Back Button AS3682 Datasheet HTML 22Page - ams AG AS3682 Datasheet HTML 23Page - ams AG AS3682 Datasheet HTML 24Page - ams AG AS3682 Datasheet HTML 25Page - ams AG AS3682 Datasheet HTML 26Page - ams AG AS3682 Datasheet HTML 27Page - ams AG AS3682 Datasheet HTML 28Page - ams AG AS3682 Datasheet HTML 29Page - ams AG AS3682 Datasheet HTML 30Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 43 page
background image
AS3682
austriamicrosystems
Data Sheet
Timing Control of CURR11, CURR12, CURR13 in Normal Mode and Soft Flash Mode
www.austriamicrosystems.com
Revision 2.21
26 - 43
Addr: 05
Strobe_mode2
This register sets the strobe time in mode 2.
Bit
Bit Name
Default
Access
Description
2:0
Mode2
111
R/W
000 = TS is equal to TSTROBE_SIGNAL if T_STROBE_SIGNAL.
≤ 100ms.
000 = TS is equal to 100ms is T_STROBE_SIGNAL
≥ 100ms.
001 = TS is equal to TSTROBE_SIGNAL if T_STROBE_SIGNAL
≤ 200ms.
001 = TS is equal to 200ms if T_STROBE_SIGNAL
≥ 200ms.
010 = TS is equal to TSTROBE_SIGNAL if T_STROBE_SIGNAL
≤ 300ms.
010 = TS is equal to 300ms if T_STROBE_SIGNAL
≥ 300ms.
011= TS is equal to TSTROBE_SIGNAL if T_STROBE_SIGNAL
≤ 400ms.
011 = TS is equal to 400ms if T_STROBE_SIGNAL
≥ 400ms.
100 = TS is equal to TSTROBE_SIGNAL if T_STROBE_SIGNAL
≤ 500ms.
100 = TS is equal to 500ms if T_STROBE_SIGNAL
≥ 500ms.
101 = TS is equal to TSTROBE_SIGNAL if T_STROBE_SIGNAL
≤ 600ms.
101 = TS is equal to 600ms if T_STROBE_SIGNAL
≥ 600ms.
110 = TS is equal to TSTROBE_SIGNAL if T_STROBE_SIGNAL
≤ 700ms.
110 = TS is equal to 700ms if T_STROBE_SIGNAL
≥ 700ms.
111 = TS is equal to TSTROBE_SIGNAL if T_STROBE_SIGNAL
≤ 800ms.
111 = TS is equal to 800ms if T_STROBE_SIGNAL
≥ 800ms.
7:3
N/A
Table 29. Current Sink_1x Undervoltage Indication Register
Addr: 0F
Curr_voltage_control
This register indicates if the voltage at any current sink has dropped below a predefined
value. If the charge pump is operating in automatic-mode (default), the contents of this
register can be disregarded. The voltages at current sinks 1x are used for automatic
mode selection of the charge pump. The voltages at current sinks 2, 3, and 4 can be
optionally used for automatic mode selection of the charge pump (see register
Curr234_ctrl
(page 29)).
Bit
Bit Name
Default
Access
Description
0
curr11_low_voltage
N/A
R
0 = Normal operation.
1 = Undervoltage occurred.
1
curr12_low_voltage
N/A
R
0 = Normal operation.
1 = Undervoltage occurred.
2
curr13_low_voltage
N/A
R
0 = Normal operation.
1 = Undervoltage occurred.
3
Curr2_low_voltage
N/A
R
See Curr2_low_voltage (page 29).
4
Curr3_low_voltage
N/A
R
See Curr3_low_voltage (page 29).
5
Curr4_low_voltage
N/A
R
See Curr4_low_voltage (page 29).
7:6
cp_status
N/A
R
See cp_status (page 30).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com