Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3682 Datasheet(PDF) 37 Page - ams AG

Part # AS3682
Description  480mA Camera Lighting Management Unit
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3682 Datasheet(HTML) 37 Page - ams AG

Back Button AS3682 Datasheet HTML 33Page - ams AG AS3682 Datasheet HTML 34Page - ams AG AS3682 Datasheet HTML 35Page - ams AG AS3682 Datasheet HTML 36Page - ams AG AS3682 Datasheet HTML 37Page - ams AG AS3682 Datasheet HTML 38Page - ams AG AS3682 Datasheet HTML 39Page - ams AG AS3682 Datasheet HTML 40Page - ams AG AS3682 Datasheet HTML 41Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 43 page
background image
AS3682
austriamicrosystems
Data Sheet
Capacitor and Resistor Selection
www.austriamicrosystems.com
Revision 2.21
37 - 43
12 External Components
12.1 Capacitor and Resistor Selection
Use low-ESR ceramic capacitors with X7R or X5R dielectric – these capacitors allow good filtering and have a wide
temperature range. The connections of all external capacitors should be kept as short as possible.
All resistors should have a tolerance of ±1%.
12.2 Usage of PCB Wire Inductance
The inductance between the battery and pins VBAT1 and VBAT2 can be used as a filter to reduce disturbance on the bat-
tery. Instead of using one capacitor (C1) it is recommended to split C1 into C11 and C12 with the capacitance equal:
C11 = C12 = 1/2 x C1
(EQ 1)
It is recommended to apply a minimum of 20nH (maximum 200nH) with low impedance. This inductance can be real-
ized on the PCB without any discrete coil. Assuming that 1mm signal line corresponds to approximately 1nH (valid if
the length (L) is significantly bigger than the width (W) of the line (L/W <10)). Thus a line length of:
20mm < L < 200mm
(EQ 2)
is recommended. The shape of the line is not important.
Figure 24. PCB Wire Inductance Example 1
Figure 25. PCB Wire Inductance Example 2
12.3 External Component Specifications
Notes:
1. See Usage of PCB Wire Inductance on page 37.
Table 39. External Components List
Part
Number
Value
Tol
(Min)
Rating
(Max)
Notes
Package
(Min)
Min
Typ
Max
C11
2.2µF
±20%
6.3V
Ceramic, X5R
0603
C3
1µF
4.7µF
±20%
6.3V
Ceramic, X5R
0603
C4
1µF
±20%
6.3V
Ceramic, X5R
0603
C5
1µF
±20%
6.3V
Ceramic, X5R
0603
C6
2.2µF
±20%
6.3V
Ceramic, X5R
0603
R1
240k
Ω
±1%
Bias Resistor
0201
L
PIN VBAT
BATTERY
Connector
L_total=L
Cin
Cbat
GND
GND
C11
C12
Pins VBAT1
and VBAT2
PIN VBAT
BATTERY
Connector
Cin
Cbat
GND
GND
L1
L2
L_total=L1+10xL2
C11
C12
Pins VBAT1
and VBAT2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com