Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3682 Datasheet(PDF) 36 Page - ams AG

Part # AS3682
Description  480mA Camera Lighting Management Unit
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3682 Datasheet(HTML) 36 Page - ams AG

Back Button AS3682 Datasheet HTML 32Page - ams AG AS3682 Datasheet HTML 33Page - ams AG AS3682 Datasheet HTML 34Page - ams AG AS3682 Datasheet HTML 35Page - ams AG AS3682 Datasheet HTML 36Page - ams AG AS3682 Datasheet HTML 37Page - ams AG AS3682 Datasheet HTML 38Page - ams AG AS3682 Datasheet HTML 39Page - ams AG AS3682 Datasheet HTML 40Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 43 page
background image
AS3682
austriamicrosystems
Data Sheet
Register Map
www.austriamicrosystems.com
Revision 2.21
36 - 43
11.10 Register Map
The AS3682 control register addresses, default values, and pages where they are described are listed in Table 37
(Normal Mode) and Table 38 (Soft Flash Mode).
Table 37. Register Summary – Normal Mode
Register Name
Address Default
B7
B6
B5
B4
B3
B2
B1
B0
Page
Powerdown_control
Addr: 00
00h
N/A
curr13_on
curr12_on
curr11_on
cp_led_on
24,
30
Current1_preview
Addr: 01
00h
current1_preview
N/A
curr_hp
20
Current1_strobe
Addr: 02
00h
current1_strobe
N/A
curr_hs
20
Current1_control
Addr: 03
01h
xstrobe_ctrl
strobe_on
preview_ctrl
preview_on
N/A
Strobe_mode
25
Strobe_mode1
Addr: 04
07h
N/A
Strobe_mode
25
Strobe_mode2
Addr: 05
07h
N/A
Mode2
26
Current2
Addr: 06
00h
N/A
Current2
21
Current3
Addr: 07
00h
N/A
Current3
21
Current4
Addr: 08
00h
N/A
Current4
22
Curr234_ctrl
Addr: 09
00h
Curr234_str
obe_ctrl
N/A
Curr234_g
pio0_ctrl
Curr4_onCP
Curr3_onCP Curr2_onCP
29
GPIO_control
Addr: 0A
44h
strobe_pulls
strobe_mode
gpio0_pulls
gpio0_mode
31
GPIO_output
Addr: 0B
00h
N/A
strobe_out
gpio0_out
31
GPIO_input
Addr: 0C
N/A
N/A
strobe_in
gpio0_in
31
CP_control
Addr: 0D
00h
N/A
cp_mode2
cp_mode
cp_man
cp_clk
30
Overtemp_control
Addr: 0E
01h
N/A
rst_ov_temp
ov_temp
ov_temp_on
32
Curr_voltage_control
Addr: 0F
N/A
cp_status
Curr4_low_
voltage
Curr3_low_
voltage
Curr2_low_
voltage
curr13_low_
voltage
curr12_low_
voltage
curr11_low_
voltage
30
Curr_voltage_control
Addr: 0F
N/A
cp_status
Curr4_low_
voltage
Curr3_low_
voltage
Curr2_low_
voltage
curr13_low_
voltage
curr12_low_
voltage
curr11_low_
voltage
26
Curr_voltage_control
Addr: 0F
N/A
cp_status
Curr4_low_
voltage
Curr3_low_
voltage
Curr2_low_
voltage
curr13_low_
voltage
curr12_low_
voltage
curr11_low_
voltage
29
Fixed_ID
Addr: 15
CDh
1
1
0
0
1
1
0
1
35
Table 38. Register Summary – Soft Flash Mode
Register Name
Address Default
B7
B6
B5
B4
B3
B2
B1
B0
Page
Powerdown_control
Addr: 00
00h
N/A
curr13_on
curr12_on
curr11_on
cp_led_on
24,
30
Current1_preview
Addr: 01
00h
current1_preview
23
Current1_strobe
Addr: 02
00h
current1_strobe
23
Current1_control
Addr: 03
01h
xstrobe_ctrl
strobe_on
preview_ctrl
preview_on
N/A
Strobe_mode
25
Strobe_mode1
Addr: 04
07h
N/A
Strobe_mode
25
Strobe_mode2
Addr: 05
07h
N/A
Mode2
26
Current2
Addr: 06
00h
Current2
23
Current3
Addr: 07
00h
Current3
23
Current4
Addr: 08
00h
Current4
23
Curr234_ctrl
Addr: 09
00h
Curr234_str
obe_ctrl
N/A
Curr234_g
pio0_ctrl
Curr4_onCP
Curr3_onCP Curr2_onCP
29
GPIO_control
Addr: 0A
88h
strobe_pulls
strobe_mode
gpio0_pulls
gpio0_mode
31
GPIO_output
Addr: 0B
00h
N/A
strobe_out
gpio0_out
31
GPIO_input
Addr: 0C
N/A
N/A
strobe_in
gpio0_in
31
CP_control
Addr: 0D
00h
N/A
cp_mode2
cp_mode
cp_man
cp_clk
30
Overtemp_control
Addr: 0E
01h
N/A
rst_ov_temp
ov_temp
ov_temp_on
32
Curr_voltage_control
Addr: 0F
N/A
cp_status
Curr4_low_
voltage
Curr3_low_
voltage
Curr2_low_
voltage
curr13_low_
voltage
curr12_low_
voltage
curr11_low_
voltage
30
Curr_voltage_control
Addr: 0F
N/A
cp_status
Curr4_low_
voltage
Curr3_low_
voltage
Curr2_low_
voltage
curr13_low_
voltage
curr12_low_
voltage
curr11_low_
voltage
26
Curr_voltage_control
Addr: 0F
N/A
cp_status
Curr4_low_
voltage
Curr3_low_
voltage
Curr2_low_
voltage
curr13_low_
voltage
curr12_low_
voltage
curr11_low_
voltage
29
Fixed_ID
Addr: 15
CDh
1
1
0
0
1
1
0
1
35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com