Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3682 Datasheet(PDF) 8 Page - ams AG

Part # AS3682
Description  480mA Camera Lighting Management Unit
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3682 Datasheet(HTML) 8 Page - ams AG

Back Button AS3682 Datasheet HTML 4Page - ams AG AS3682 Datasheet HTML 5Page - ams AG AS3682 Datasheet HTML 6Page - ams AG AS3682 Datasheet HTML 7Page - ams AG AS3682 Datasheet HTML 8Page - ams AG AS3682 Datasheet HTML 9Page - ams AG AS3682 Datasheet HTML 10Page - ams AG AS3682 Datasheet HTML 11Page - ams AG AS3682 Datasheet HTML 12Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 43 page
background image
AS3682
austriamicrosystems
Data Sheet
Electrical Characteristics
www.austriamicrosystems.com
Revision 2.21
8 - 43
Table 5. GPIO0/P0 and STROBE/F2 Electrical Characteristics
Symbol
Parameter
Min
Max
Unit
Notes
VDD_GPIO
Supply Voltage
1.5
3.3
V
VIH
High Level Input Voltage
0.7 x VDD_GPIO
VDD_GPIO
V
VDD_GPIO > 1.85V
1.3V
VDD_GPIO < 1.85V
VIL
Low Level Input Voltage
0.0
0.3 x VDD_GPIO
V
VHYS
Hysteresis
0.1 x VDD_GPIO
0.4
V
ILEAK
Input Leakage Current (if
not configured as
Pullup/Pulldown)
-5
5
µA
To VDD_GPIO and VSS.
IPD
Pulldown Current
(if configured as Pulldown)
50
150
µA
To VSS.
IPU
Pullup Current
(if configured as Pullup and
in Hard Flash Modes)
20
347
µA
To VDD_GPIO (1.5 to 3.3V)
VOH
High Level Output Voltage
0.8 x VDD_GPIO
V
VOL
Low Level Output Voltage
0.2 x VDD_GPIO
V
IOUT
Driving Capability
4
mA
VDD_GPIO = 2.8V
CLOAD
Capacitive Load
50
pF
Table 6. CLK/P2, DATA/P1, SFL/F1, and T1/F0 Electrical Characteristics
Symbol
Parameter
Min
Max
Unit
Notes
VDD_GPIO
Supply Voltage
1.5
3.3
V
VIH
High Level Input Voltage
0.7 x VDD_GPIO
VDD_GPIO
V
VDD_GPIO > 1.85V
1.3V
VDD_GPIO < 1.85V
VIL
Low Level Input Voltage
0.0
0.3 x VDD_GPIO
V
VHYS
Hysteresis
0.07 x VDD_GPIO
0.5
V
ILEAK
Input Leakage Current (in
Soft Flash and Normal
Modes)
-5
5
µA
To VDD_GPIO and VSS.
IPU
Pullup Resistor (in Hard
Flash Modes)
50k
200k
Ω
To VDD_GPIO.
Table 7. Power-On Reset Electrical Characteristics
Symbol
Parameter
Min
Typ
Max
Unit
Notes
VPOR_VBAT
Overall Power-On Reset
1.5
2.0
2.38
V
Monitors voltage on pin V2_5;
power-on reset for all internal
functions.
VVDD_GPIO_TH_
RISING
Reset Level for
VDD_GPIO Rising
1.3
V
Monitors voltage on VDD_GPIO; rising
level.
VVDD_GPIO_TH_
FALLING
Reset Level for
VDD_GPIO Falling
1.0
V
Monitors voltage on VDD_GPIO;
falling level.
Table 8. Over-Temperature Detection Electrical Characteristics
Symbol
Parameter
Min
Typ
Max
Unit
Notes
T140
ov_temp Rising Threshold
130
140
150
ºC
THYST
ov_temp Hysteresis
5
ºC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com