Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3682 Datasheet(PDF) 32 Page - ams AG

Part # AS3682
Description  480mA Camera Lighting Management Unit
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3682 Datasheet(HTML) 32 Page - ams AG

Back Button AS3682 Datasheet HTML 28Page - ams AG AS3682 Datasheet HTML 29Page - ams AG AS3682 Datasheet HTML 30Page - ams AG AS3682 Datasheet HTML 31Page - ams AG AS3682 Datasheet HTML 32Page - ams AG AS3682 Datasheet HTML 33Page - ams AG AS3682 Datasheet HTML 34Page - ams AG AS3682 Datasheet HTML 35Page - ams AG AS3682 Datasheet HTML 36Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 43 page
background image
AS3682
austriamicrosystems
Data Sheet
Power-On Reset
www.austriamicrosystems.com
Revision 2.21
32 - 43
11.7 Power-On Reset
The internal reset is controlled by two inputs:
!
VBAT1 Supply
!
VDD_GPIO
If either of these voltages is lower than their limit, an internal reset is forced.
The reset levels control the state of all registers. As long as VBAT and VDD_GPIO are below their reset thresholds, the
register contents are set to default.
Access by serial interface is possible once the reset thresholds are exceeded.
Note: VVDD_GPIO_TH – Use rising or falling threshold levels, depending on the slope of VDD_GPIO (power up/power
down).
11.8 Temperature Supervision
An integrated temperature sensor provides over-temperature protection for the AS3682. This sensor generates a flag
if the device temperature reaches the over-temperature threshold (T140 page 8). The threshold has a hysteresis
(T140 page 8) to prevent oscillation effects.
If the device temperature exceeds the T140 threshold, the current sources are switched off, and bit ov_temp in register
Overtemp_control
(page 32) is set to 1.
After decreasing the temperature by THYST, the current sources resume operation.
The ov_temp flag will only be reset (by the circuit when the temperature has reached operating condition again) after
the software has written a 1 and then a 0 to bit rst_ov_temp (page 32).
Bit ov_temp_on activates temperature supervision.
Table 32. Reset Control
Reset Control
Register State (All Registers)
VBAT < VPOR_VBAT and VVDD_GPIO < VGPIO_VDD_TH
Undefined
VBAT < VPOR_VBAT and VVDD_GPIO > VGPIO_VDD_TH
Undefined
VBAT > VPOR_VBAT and VVDD_GPIO < VGPIO_VDD_TH
Default
VBAT > VPOR_VBAT and VVDD_GPIO > VGPIO_VDD_TH
Default
Access by serial interface possible.
Table 33. Overtemperature Bit Definitions
Addr: 0E
Overtemp_control
This register reads and resets the overtemperature flag.
Bit
Bit Name
Default
Access
Description
0
ov_temp_on
1R/W
Activates/deactivates device temperature supervision.
0 = Temperature supervision is disabled. No current source
will be switched off if the device temperature exceeds the
over-temperature rising threshold (T140).
1 = Temperature supervision is enabled.
1
ov_temp
NA
R
1 = Indicates that the over-temperature rising threshold
(T140) has been reached. To clear this flag, it is mandatory
to use bit rst_ov_temp. Bit ov_temp is only active if
temperature supervision is activated.
2
rst_ov_temp
NA
R/W
The ov_temp flag is cleared by first setting this bit to 1, and
then setting this bit to 0. Bit rst_ov_temp is only active if
temperature supervision is activated.
7:3
N/A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com