Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4253IGN Datasheet(PDF) 7 Page - Linear Technology

Part # LTC4253IGN
Description  -48V Hot Swap Controller with Sequencer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4253IGN Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC4253IGN Datasheet HTML 3Page - Linear Technology LTC4253IGN Datasheet HTML 4Page - Linear Technology LTC4253IGN Datasheet HTML 5Page - Linear Technology LTC4253IGN Datasheet HTML 6Page - Linear Technology LTC4253IGN Datasheet HTML 7Page - Linear Technology LTC4253IGN Datasheet HTML 8Page - Linear Technology LTC4253IGN Datasheet HTML 9Page - Linear Technology LTC4253IGN Datasheet HTML 10Page - Linear Technology LTC4253IGN Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
LTC4253
7
4253f
TYPICAL PERFOR A CE CHARACTERISTICS
ITMR (Circuit Breaker, Sourcing)
vs Temperature
TIMER Threshold vs Temperature
ITMR (Initial Cycle, Sourcing) vs
Temperature
ITMR (Initial Cycle, Sinking) vs
Temperature
ISENSE vs Temperature
ISENSE vs ( VSENSE - VEE )
OV Threshold vs Temperature
UV Threshold vs Temperature
VGATEH vs Temperature
TEMPERATURE (
°C)
–55 –35 –15
5
25
45
65
85 105 125
4253 G25
3.6
3.4
3.2
3.0
2.8
2.6
2.4
2.2
2.0
UV/OV = 4V
VGATEH = VIN – VGATE
IIN = 2mA
TEMPERATURE (
°C)
–55 –35 –15
5
25
45
65
85 105 125
4253 G26
3.375
3.275
3.175
3.075
2.975
2.875
2.775
IIN = 2mA
VUVH
VUVL
TEMPERATURE (
°C)
–55 –35 –15
5
25
45
65
85 105 125
4253 G27
6.45
6.35
6.25
6.15
6.05
5.95
5.85
5.75
5.65
5.55
IIN = 2mA
VOVH
VOVH
VSENSE – VEE (V)
–1.5
–1
–0.5
0
0.5
1
1.5
4253 G28
0.01
0.1
1
10
100
1000
UV/OV = 4V
TIMER = 0V
GATE = HIGH
TA = 25°C
TEMPERATURE (
°C)
–55 –35 –15
5
25
45
65
85 105 125
4253 G29
0
–5
–10
–15
–20
–25
–30
UV/OV = 4V
TIMER = 0V
VSENSE – VEE = 50mV
VGATE = HIGH
TEMPERATURE (
°C)
–55 –35 –15
5
25
45
65
85 105 125
4253 G30
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
IIN = 2mA
VTMRH
VTMRL
TEMPERATURE (
°C)
–55 –35 –15
5
25
45
65
85 105 125
4253 G31
10
9
8
7
6
5
4
3
2
1
0
IIN = 2mA
VTMR = 2V
TEMPERATURE (
°C)
–55 –35 –15
5
25
45
65
85 105 125
4253 G32
50
45
40
35
30
25
20
15
10
5
0
IIN = 2mA
VTMR = 2V
TEMPERATURE (
°C)
–55 –35 –15
5
25
45
65
85 105 125
4253 G33
240
230
220
210
200
190
180
170
160
IIN = 2mA
IDRN = 0µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com