Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4253IGN Datasheet(PDF) 12 Page - Linear Technology

Part # LTC4253IGN
Description  -48V Hot Swap Controller with Sequencer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4253IGN Datasheet(HTML) 12 Page - Linear Technology

Back Button LTC4253IGN Datasheet HTML 8Page - Linear Technology LTC4253IGN Datasheet HTML 9Page - Linear Technology LTC4253IGN Datasheet HTML 10Page - Linear Technology LTC4253IGN Datasheet HTML 11Page - Linear Technology LTC4253IGN Datasheet HTML 12Page - Linear Technology LTC4253IGN Datasheet HTML 13Page - Linear Technology LTC4253IGN Datasheet HTML 14Page - Linear Technology LTC4253IGN Datasheet HTML 15Page - Linear Technology LTC4253IGN Datasheet HTML 16Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
LTC4253
12
4253f
BLOCK DIAGRA
VEE
1
×
6.15V
1
×
8
×
1
×
VIN
VEE
PWRGD3
50
µA
6.15V
VEE
120
µA
VEE
120
µA
VIN
VIN
VEE
VIN
VEE
200
µA
16
OV 11
EN3 15
VIN
VEE
VEE
22
µA
95k
RSS
5k
SS 6
VIN
VIN
VEE
VEE
50
µA
VIN
VIN
VEE
PWRGD2
50
µA
2
EN2 1
VEE
PWRGD1
50
µA
3
4
VEE
8
SQTIMER
DELAY
LOGIC
SQTIMER
DELAY
+
–
4V
+
–
1V
TIMER 13
+
–
4V
+
–
0.33V
+
–
UV 12
2.925V
+
–
+
–
0.5V
+
–
2.385V
+
–
–
+
VIN
VEE
5
µA
VIN
VEE
5
µA
5
µA
+
–
2.8V
+
–
200mV
+
–
10mV
VEE
–
+
+
–
50mV
4253 BD
CB
FCL
–
+
ACL
VEE
SENSE
7
GATE
9
DRAIN
10
SQTIMER
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com