Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4253IGN Datasheet(PDF) 21 Page - Linear Technology

Part # LTC4253IGN
Description  -48V Hot Swap Controller with Sequencer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4253IGN Datasheet(HTML) 21 Page - Linear Technology

Back Button LTC4253IGN Datasheet HTML 17Page - Linear Technology LTC4253IGN Datasheet HTML 18Page - Linear Technology LTC4253IGN Datasheet HTML 19Page - Linear Technology LTC4253IGN Datasheet HTML 20Page - Linear Technology LTC4253IGN Datasheet HTML 21Page - Linear Technology LTC4253IGN Datasheet HTML 22Page - Linear Technology LTC4253IGN Datasheet HTML 23Page - Linear Technology LTC4253IGN Datasheet HTML 24Page - Linear Technology LTC4253IGN Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
LTC4253
21
4253f
APPLICATIO S I FOR ATIO
(Refer to Block Diagram)
Calculate maximum load current: 50W/36V = 1.4A; allow-
ing for 83% converter efficiency, IIN(MAX) = 1.7A.
Calculate RS: from Equation (8) RS = 20mΩ.
Calculate ISHORT-CIRCUIT(MAX): from Equation (9)
ISHORTCIRCUIT(MAX) = 6A.
Select a MOSFET that can handle 6A at 72V: IRF530S.
Calculate CT: from Equation (13) CT = 220nF. Select
CT = 330nF, which gives the circuit breaker time-out
period tMAX = 1.76ms.
Consult MOSFET SOA curves: the IRF530S can handle 6A
at 72V for 5ms, so it is safe to use in this application.
Calculate CSS: using Equations (14) and (15) select
CSS = 68nF.
FREQUENCY COMPENSATION
The LTC4253 typical frequency compensation network for
the analog current limit loop is a series RC (10Ω) and CC
connected from GATE to VEE. Figure 6 depicts the relation-
ship between the compensation capacitor CC and the
MOSFET’s CISS. The line in Figure 6 is used to select a
starting value for CC based upon the MOSFET’s CISS
specification. Optimized values for CC are shown for
several popular MOSFETs. Differences in the optimized
value of CC versus the starting value are small. Neverthe-
less, compensation values should be verified by board
level short-circuit testing.
As seen in Figure 5, at the onset of a short-circuit event, the
input supply voltage can ring dramatically due to series
inductance. If this voltage avalanches the MOSFET, cur-
rent continues to flow through the MOSFET to the output.
The analog current limit loop cannot control this current
flow and therefore the loop undershoots. This effect
cannot be eliminated by frequency compensation. A zener
diode is required to clamp the input supply voltage and
prevent MOSFET avalanche.
SENSE RESISTOR CONSIDERATIONS
For proper circuit breaker operation, Kelvin-sense PCB
connections between the sense resistor and the LTC4253’s
VEE and SENSE pins are strongly recommended. The
drawing in Figure 7 illustrates the correct way of making
connections between the LTC4253 and the sense resistor.
PCB layout should be balanced and symmetrical to mini-
mize wiring errors. In addition, the PCB layout for the
sense resistor should include good thermal management
techniques for optimal sense resistor power dissipation.
TIMING WAVEFORMS
System Power-Up
Figure 8 details the timing waveforms for a typical power-
up sequence in the case where a board is already installed
in the backplane and system power is applied abruptly. At
MOSFET CISS (pF)
4253 F06
60
50
40
30
20
10
0
0
2000
4000
6000
8000
IRF530
IRF540
IRF740
IRF3710
MTY100N10E
W
CURRENT FLOW
FROM LOAD
CURRENT FLOW
TO –48V BACKPLANE
SENSE RESISTOR
TRACK WIDTH W:
0.03" PER AMP
ON 1 OZ COPPER
TO
SENSE
TO
VEE
4253 F07
Figure 6. Recommended Compensation
Capacitor CC vs MOSFET CISS
Figure 7. Making PCB Connections to the Sense Resistor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com